Y-CONC-R42CU-RJ2S-2000-C
AI

The **Y-CONC-R42CU-RJ2S-2000-C** is a high-performance, industrial-grade industrial Ethernet cable assembly, typically associated with the **Y-Con** series by Yamaichi Electronics. These parts are specifically designed for harsh industrial environments where standard RJ45 connectors would fail due to vibration, moisture, or EMI.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type A** | Y-Con RJ45 IP20/IP67 Plug |
| **Connector Type B** | Y-Con RJ45 IP20/IP67 Plug |
| **Cable Category** | Cat 5e (typically) |
| **Length** | 2000mm (2 Meters) |
| **Shielding** | S/FTP or SF/UTP (Double Shielded) |
| **Jacket Material** | PUR (Polyurethane) - Chemical & Abrasion Resistant |
| **Contact Plating** | Gold over Nickel |
---
### Key Electronic & Mechanical Components
#### 1. The Y-Con Connector System
The "RJ2S" designation refers to the specific housing style. Unlike consumer plastic clips, this system uses:
* **Integrated Power Contacts:** The Y-Con system is unique because it allows for **2 additional power contacts** (fully integrated) alongside the 8 Ethernet pins, supporting up to 2.1A.
* **EMI Shielding:** The metal casing provides 360° shielding to prevent data loss in factory settings with high electromagnetic interference.
#### 2. High-Flex PUR Cable
The "CU" and "2000" in the part number denote the copper construction and the 2-meter length.
* **Oil Resistance:** The PUR jacket is resistant to mineral oils and cooling lubricants.
* **Flexibility:** Designed for "Drag Chain" applications where the cable is constantly moving on a robotic arm or CNC axis.
#### 3. Environmental Protection (IP Rating)
When used with the corresponding Y-Con mating housing:
* **IP20:** Basic protection (indoor).
* **IP67/68/69K:** Total protection against dust and high-pressure water jets, depending on the outer shell used.
---
### Typical Applications
* **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs.
* **Robotics:** Wiring for motion control systems requiring high-flex cycles.
* **Vision Systems:** High-speed data transfer for industrial cameras.
---
- ⤷
Does this cable support Power over Ethernet (PoE) or only the proprietary Y-Con power pins?
- ⤷ What is the maximum data transfer rate for this specific model?
- ⤷ Are there specific mounting housings required to achieve an IP67 rating with this cable?