Y-CONC-R42CU-RJ2U-2000-B
AI

Based on the part number **Y-CONC-R42CU-RJ2U-2000-B**, this is a specialized high-speed communication cable assembly, typically used in industrial automation, robotics, or high-precision vision systems.
The nomenclature follows a structured format used by manufacturers like **Yamaichi Electronics** for their **Y-Con** series.
---
## Technical Specifications Breakdown
| Component Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **Y-CONC** | Series Identification | Yamaichi Y-Con industrial connector series. |
| **R42** | Cable Category | Typically denotes Cat5e or Cat6 Performance for Ethernet. |
| **CU** | Shielding/Material | Copper (Cu) based conductors with high-density shielding. |
| **RJ2U** | Connector Type | RJ45 Industrial plug with "Universal" or 2-unit overmold. |
| **2000** | Length | 2000mm (2 Meters). |
| **B** | Version/Revision | Specific wiring scheme (e.g., TIA/EIA 568B) or revision. |
---
## Key Features
### 1. Industrial Durability
Unlike standard office Ethernet cables, the **Y-Con** series is designed for harsh environments. It features an integrated locking mechanism that prevents accidental disconnection due to vibration or mechanical shock.
### 2. Signal Integrity
* **Shielding:** Uses S/FTP (Screened Foamed Twisted Pair) or similar shielding to prevent Electromagnetic Interference (EMI) in factory settings.
* **Gold Plating:** The RJ45 contacts usually feature 30µ" to 50µ" gold plating to prevent oxidation.
### 3. Physical Construction
* **Jacket Material:** Likely PUR (Polyurethane) or specialized PVC, making it resistant to oils, chemicals, and abrasion.
* **Flexibility:** Designed for "Drag Chain" applications where the cable must withstand millions of bending cycles in robotic arms.
---
## Pinout Configuration (Standard T568B)
If the **"B"** suffix refers to the wiring standard, the internal electronic mapping is as follows:
| Pin | Wire Color | Function |
| :--- | :--- | :--- |
| 1 | White/Orange | Transmit + |
| 2 | Orange | Transmit - |
| 3 | White/Green | Receive + |
| 4 | Blue | Reserved |
| 5 | White/Blue | Reserved |
| 6 | Green | Receive - |
| 7 | White/Brown | Reserved |
| 8 | Brown | Reserved |
---
### Application Usage
This part is commonly found in:
* **Machine Vision:** Connecting industrial cameras to controllers.
* **PLC Networking:** High-reliability data links between Programmable Logic Controllers.
* **Servo Drives:** Real-time Ethernet communication (EtherCAT or PROFINET).
- ⤷
What is the IP rating (e.g.
- ⤷ IP20 or IP67) for this specific Y-Con connector?
- ⤷ Can this cable support Power over Ethernet (PoE) applications?
- ⤷ Is there a shorter or longer variant available in the same R42CU series?