Y-CONC-R42CU-RJ6M-2000-B
AI

Based on the part number **Y-CONC-R42CU-RJ6M-2000-B**, this is a high-performance industrial networking cable assembly, typically associated with **Yamaichi Electronics**. It is part of the Y-Con series, which is designed for harsh industrial environments.
### Component Specifications Breakdown
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | Y-Con (Industrial RJ45) | Designed for Industrial Ethernet applications. |
| **Connector Type** | RJ45 (Cat 6) | High-speed data transmission connector. |
| **Housing Style** | R42 (Metal Shell) | Robust zinc die-cast or metal-shielded housing for EMI protection. |
| **Cable Type** | CU (Copper) | Standard copper conductor wiring. |
| **Pin Configuration** | RJ6M | 6-pin/8-pin configuration (modular). |
| **Cable Length** | 2000 mm | 2.0 Meters total length. |
| **Protection Class** | IP20 / IP67 | Depending on the specific jack mating, it often supports IP67 sealing. |
---
### Key Technical Attributes
#### 1. Signal Integrity (Cat 6)
The "RJ6" designation indicates compliance with **Category 6** standards. This allows for data transfer rates up to 1 Gbps (Gigabit Ethernet) and is optimized for frequencies up to 250 MHz. It is backward compatible with Cat 5e.
#### 2. Industrial Shielding (EMI/RFI)
The **CU** and **R42** indicators point toward advanced shielding. In industrial settings, electromagnetic interference (EMI) from motors and heavy machinery can disrupt data; this part uses a 360° metal shielding system to prevent signal loss.
#### 3. Durability and Mechanics
* **Vibration Resistance:** The Y-Con series is famous for its integrated locking mechanism that prevents accidental disconnection due to high vibration.
* **Power over Ethernet (PoE):** This specific series often includes additional power contacts (integrated power) to allow the cable to provide DC power alongside data.
#### 4. Environment Suitability
Designed for the factory floor, the outer jacket is typically resistant to:
* Oil and chemicals.
* Extreme temperatures.
* Mechanical stress (bending/torsion).
---
### Typical Applications
* **Factory Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs.
* **Robotics:** High-flex applications where standard RJ45 connectors would fail.
* **Industrial Vision:** Connecting high-speed cameras for quality control.
---
- ⤷
Does this specific model support Power over Ethernet (PoE)?
- ⤷ What is the IP rating when this cable is used with a Y-Con flange?
- ⤷ Are there shorter length versions of this specific Cat 6 cable?