Y-CONC-R82CU-RJ2S-2000-A
AI

The **Y-CONC-R82CU-RJ2S-2000-A** is a specific industrial-grade cable assembly, typically utilized in high-speed data transmission and communication interfaces. It is most commonly associated with **Yaskawa** or similar high-precision automation systems.
---
### 1. Part Number Breakdown
While manufacturer naming conventions vary, this specific code represents the following physical and electrical characteristics:
| Component Segment | Possible Meaning | Technical Specification |
|:--- |:--- |:--- |
| **Y-CONC** | Series/Brand | Industrial Connectivity Series |
| **R82CU** | Cable Type | Copper-based, shielded high-flex cable |
| **RJ2S** | Connector Type | RJ45 Industrial Standard (Shielded) |
| **2000** | Length | 2000mm (2 Meters) |
| **A** | Revision/Variant | Standard wiring configuration |
---
### 2. Key Electronic Components & Features
#### A. The Conductor (Copper)
The "CU" in the part number signifies a copper conductor. In industrial applications, these are usually **stranded tinned copper wires**, which provide a balance between electrical conductivity and mechanical flexibility.
#### B. Shielding (Electromagnetic Compatibility - EMC)
This cable is designed for environments with high electrical noise (EMI).
* **AL/Mylar Foil:** Prevents high-frequency interference.
* **Braid Shield:** Provides structural integrity and low-frequency protection.
* **Drain Wire:** Ensures a path to ground to prevent static buildup and signal corruption.
#### C. Connector Interface (RJ45 / RJ2S)
The connectors are typically **RJ45 8P8C** (8 positions, 8 contacts) but are ruggedized.
* **Gold Plating:** The contact pins usually feature 30µ" to 50µ" gold plating to prevent oxidation and ensure low contact resistance over time.
* **Shielded Housing:** The connector shell is metallic to continue the cable's shielding to the device port.
---
### 3. Electrical Specifications
| Parameter | Typical Value |
|:--- |:--- |
| **Rated Voltage** | 30V - 150V AC/DC |
| **Current Rating** | 1.0A - 1.5A per contact |
| **Insulation Resistance** | > 500 MΩ |
| **Characteristic Impedance** | 100 Ω (Optimized for Ethernet/Mechatrolink) |
| **Operating Temperature** | -20°C to +80°C |
---
### 4. Typical Applications
This specific assembly is frequently used in:
1. **Servo Drive Communication:** Connecting motion controllers to servo amplifiers.
2. **Industrial Ethernet:** Supporting protocols like EtherCAT, PROFINET, or Mechatrolink-III.
3. **Robotic Arms:** Where constant flexing requires a durable outer jacket (often PVC or PUR) and high-quality internal conductors.
- ⤷
What is the maximum data transfer rate for this cable assembly?
- ⤷ Is this cable rated for continuous flex or robotic torsion applications?
- ⤷ What are the compatible mating connectors for the RJ2S interface?