Y-CONC-R82CU-RJ6P-2000-C
AI

The part number **Y-CONC-R82CU-RJ6P-2000-C** refers to a high-performance industrial networking cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is designed for robust Ethernet connectivity in demanding environments.
---
### 1. Specification Overview
The part number can be broken down into technical attributes that describe its electronic and physical composition:
| Component Code | Description |
| :--- | :--- |
| **Y-CON** | Product Series (Industrial RJ45 System) |
| **R82CU** | Cable type / Shielding (Category 5e or 6, often PUR jacket) |
| **RJ6P** | Connector Type (RJ45, 6-pin/8-pin configuration) |
| **2000** | Length (2000mm or 2.0 Meters) |
| **C** | Specific Revision or Customization code |
---
### 2. Key Electronic Features
* **Shielding (EMC Protection):** These cables are designed with high-quality shielding (STP - Shielded Twisted Pair) to prevent Electromagnetic Interference (EMI) in factory environments where heavy machinery or high-voltage lines are present.
* **Data Integrity:** Supports high-speed data transmission rates (typically up to 1Gbps) consistent with Cat5e or Cat6 standards.
* **Gold-Plated Contacts:** The RJ45 connectors utilize gold plating on the pins to ensure low contact resistance and prevent oxidation over long-term use.
---
### 3. Physical & Mechanical Construction
* **Jacket Material:** Usually features a **PUR (Polyurethane)** jacket. This makes the cable resistant to oils, chemicals, and abrasion, which is essential for "on-machine" applications.
* **IP Rating:** When paired with the correct Y-CON housing, these assemblies can achieve **IP67/IP68/IP69K** protection against water and dust ingress.
* **Strain Relief:** Built-in vibration resistance and robust strain relief to prevent wire fatigue in motion-intensive applications (like robotics).
---
### 4. Typical Applications
1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs or sensors.
2. **Factory Automation:** Used in robotic arms or automated assembly lines.
3. **Vision Systems:** High-speed data transfer for industrial cameras.
4. **Outdoor Equipment:** Telecommunications hardware exposed to harsh weather.
- ⤷
What is the exact data transfer speed (Category rating) for this specific cable?
- ⤷ Is this cable compatible with standard consumer RJ45 ports without the industrial housing?
- ⤷ What are the temperature tolerances for the PUR jacket used in this assembly?