AI

The **YB216CWCKG01-5F-JB** is a high-quality, illuminated push-button switch manufactured by **NKK Switches**. It belongs to the YB Series, specifically designed for panel-mount applications requiring durability and visual feedback.
### 1. Technical Specifications Breakdown
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | NKK Switches |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | On-On (Alternate Action / Latching) |
| **Current Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Illumination Type** | LED (Green) |
| **Cap Color/Style** | Clear Lens, White Filter (JB) |
| **Actuator Type** | Round, Flush Mount |
| **Termination** | Solder Lug |
| **Ingress Protection** | IP65 (Dust Tight, Water Resistant) |
---
### 2. Detailed Part Number Deciphering
To understand the electronic components of this specific model, we can break down the SKU:
* **YB216**: Series identifier (22.5mm mounting hole, power or logic level).
* **CW**: Represents the "Panel Seal" feature, indicating it is splash-proof and dust-tight (IP65).
* **CK**: Designates a Round shape with a Flush mount bushing.
* **G**: Indicates **Gold Contacts**. This is crucial for "Logic Level" applications (low voltage/current) to prevent oxidation.
* **01**: Standard silver/gold solder lug terminals.
* **5F**: Specifies the LED voltage and color (5V Green LED).
* **JB**: The cap aesthetics—Clear lens with a White diffuser.
---
### 3. Key Electronic Components
#### A. Contact Mechanism (Gold-Plated)
Unlike standard power switches, the "G" rating signifies gold over nickel plating. This is designed for dry circuits (low energy). Gold does not corrode, ensuring a reliable connection even when the voltage is too low to "arc" through oxidation.
#### B. DPDT Circuitry
As a **Double Pole Double Throw** switch, it contains two separate sets of terminals controlled by one actuator. This allows you to:
1. Control two independent circuits simultaneously.
2. Switch a single device between two different power sources or paths.
#### C. Integrated LED (5F)
The switch contains a built-in Green LED. Because this model is rated for 5V, it typically includes an internal resistor or is designed to interface directly with 5V logic systems without requiring external current-limiting components in standard configurations.
#### D. Latching Mechanism
This is an **"Alternate Action"** switch. When pressed, it stays down (latched) until pressed again to release. This is ideal for power-on/off functions rather than momentary signaling.
- ⤷
What is the difference between logic level gold contacts and standard silver contacts?
- ⤷ Can this switch be used with 12V or 24V power supplies?
- ⤷ What are the specific panel cutout dimensions for the YB2 series?