YB216CWCKW01-5D-JB
AI

## Electronic Component Overview: YB216CWCKW01-5D-JB
The **YB216CWCKW01-5D-JB** is a high-quality, illuminated pushbutton switch manufactured by **NKK Switches**. It belongs to the YB series and is specifically designed for panel-mount applications requiring durability and clear visual feedback.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | NKK Switches |
| **Switch Type** | Pushbutton (Illuminated) |
| **Circuitry** | DPDT (Double Pole Double Throw) |
| **Switch Function** | On-On (Alternate Action / Latching) |
| **Current Rating** | 3A @ 125V AC / 3A @ 250V AC |
| **Voltage Rating (DC)** | 3A @ 30V DC |
| **Illumination Source** | LED (Amber) |
| **Voltage (LED)** | 2.0 VDC (requires external resistor) |
| **Mounting Type** | Panel Mount, Front (Threaded 16mm) |
| **IP Rating** | IP65 (Dust Tight, Water Resistant) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **YB216**: Series identifier (16mm diameter, square or round options).
* **CW**: Splashproof/Dust-tight (IP65) with a circular bezel.
* **CK**: Latching/Alternate action (stays down when pressed).
* **W01**: Silver contacts (Standard power rated).
* **5D**: LED illumination color (5 = LED, D = Amber).
* **JB**: Cap/Filter color (Clear lens with White filter).
---
### 3. Key Features
1. **Latching Mechanism**: Unlike momentary switches, this "On-On" switch stays in its actuated position until pressed again, making it ideal for power toggles.
2. **DPDT Configuration**: Allows the control of two separate circuits simultaneously. It can be used to switch both the positive and negative lines or control two different devices.
3. **Environmental Sealing**: The "CW" designation indicates it is built to resist moisture and dust, suitable for industrial or outdoor-exposed panels.
4. **Tactile Feedback**: Provides a crisp, "clicky" actuation to confirm the switch has been engaged.
---
### 4. Circuit Diagram (Internal)
```text
DPDT Configuration
------------------------
(Common) 1 o----o 2 (NC)
|
o 3 (NO)
(Common) 4 o----o 5 (NC)
|
o 6 (NO)
(LED +) (+)--[LED]--(-) (LED -)
```
---
- ⤷
What is the recommended resistor value for the LED if using a 12V power supply?
- ⤷ Does this switch come in a momentary (non-latching) version?
- ⤷ What is the physical cutout diameter required for panel mounting?