AI

The **YB225CWCKG01-24-JB** is a high-quality, illuminated pushbutton switch manufactured by **NKK Switches**. It belongs to the YB2 Series, which is known for its tamper-resistant design and sleek, low-profile aesthetics.
---
### 1. Key Technical Specifications
The model number encodes specific electrical and physical properties:
| Feature | Specification |
| :--- | :--- |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-ON (Latching/Alternate Action) |
| **Contact Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Illumination** | LED (Clear Cap with White Filter/Diffuser) |
| **Voltage (LED)** | 24V DC |
| **Mounting Type** | Panel Mount, Threaded (16mm hole) |
| **Ingress Protection** | IP65 (Dust tight and Water resistant) |
---
### 2. Electronic Components Breakdown
#### A. Contact Mechanism (Logic Level)
Unlike high-power switches, this model uses **Gold-plated contacts**.
- **Purpose:** Gold prevents oxidation and ensures reliable switching for low-current applications (Logic Levels).
- **Rating:** It is limited to 0.4 Volt-Amps. Connecting this to a high-current motor or heater will damage the gold plating.
#### B. Illumination System
The "24-JB" suffix indicates the lighting parameters:
- **Voltage:** It contains an internal resistor designed for **24V DC** operation. No external resistor is required when using a 24V supply.
- **LED Color:** The "JB" designation typically refers to a clear lens with a white diffuser, providing a crisp, neutral glow.
#### C. Terminal Configuration
The switch features **Solder Lug** terminals.
- There are separate terminals for the switch contacts (DPDT) and the LED power.
- This allows the LED to be wired independently of the switch state (e.g., the light can stay on constantly or toggle with the button).
---
### 3. Dimensional Data
To integrate this part into an electronic enclosure, the following physical dimensions are critical:
```yaml
Panel_Cutout: 16.0mm (0.630")
Bezel_Shape: Round
Actuator_Style: Flush with Shroud
Total_Travel: 3.3mm (0.130")
Mechanical_Life: 1,000,000 Cycles
```
---
### 4. Typical Applications
* **Industrial Control Panels:** Where IP65 protection against splashes is required.
* **Medical Equipment:** Due to the reliable gold-plated contacts.
* **Communication Systems:** Used as a reset or mode-selection toggle for logic circuits.
- ⤷
What is the difference between DPDT and SPDT in the YB2 series?
- ⤷ Can this switch be used with 120V AC power?
- ⤷ How do I wire the LED to turn on only when the switch is pressed?