AI

The **YB225CWCKG01-5F-JB** is a high-quality, illuminated pushbutton switch manufactured by **NKK Switches**. It belongs to the YB2 Series and is specifically designed to be panel-sealed and tamper-resistant.
---
### 1. Technical Specifications
The following table breaks down the core electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Circuit** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-ON (Maintained/Latching) |
| **Current Rating** | 0.4VA Max @ 28V AC/DC (Logic Level) |
| **Contact Material** | Gold (G) - Ideal for low-power applications |
| **Illumination** | LED - Green (5F) |
| **Cap Style/Color** | Round, Clear Lens/White Filter (JB) |
| **Ingress Protection** | IP65 (Dust tight and water-resistant) |
| **Mounting Type** | Panel Mount, Front Square/Round Bezel |
---
### 2. Part Number Breakdown (Nomenclature)
Understanding the alphanumeric code helps identify the specific components of this assembly:
* **YB2**: Series identifier (22mm body diameter).
* **25**: Circuit configuration (DPDT).
* **CW**: Shroud/Bezel type (Circular, Panel Sealed).
* **CK**: Actuator/Body style.
* **G**: Contact material (Gold). This indicates it is for **logic level** switching, not high-power AC loads.
* **01**: Termination style (Solder Lug).
* **5F**: LED specification (5 = LED type, F = Green color).
* **JB**: Cap details (J = Clear lens, B = White insert).
---
### 3. Key Electronic Features
* **Logic Level Switching:** Because it uses gold-plated contacts, this switch is designed for low-energy circuits (0.4VA max). It prevents oxidation that typically occurs on silver contacts when used with very low voltage.
* **Tactile Feedback:** The switch provides a crisp, positive indentation, ensuring the user knows the state has changed.
* **Dual Pole Design (DPDT):** This allows the switch to control two separate independent circuits simultaneously.
* **Environmental Sealing:** The "CW" designation indicates it is "Splashproof," meeting IP65 standards, making it suitable for industrial panels or medical equipment where cleaning or moisture is a factor.
---
### 4. Typical Applications
* Industrial control panels.
* Medical instrumentation.
* Communication equipment.
* High-end audio/broadcast consoles.
- ⤷
What is the difference between gold and silver contacts in NKK switches?
- ⤷ Can this switch be used for 120V AC power applications?
- ⤷ What is the recommended panel cutout size for the YB2 series?