AI

The **YB225CWCKW01-5C-JS** is a high-quality, panel-mount pushbutton switch manufactured by **NKK Switches**. It belongs to the YB2 series, known for being tamper-resistant and having a "power" rated switching capacity.
---
## 1. Part Number Breakdown
To understand the electronic and physical specifications, we can decode the part number suffix by suffix:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | YB2 | 22mm Diameter, Anti-Vandal / Tamper Resistant |
| **Circuit** | 25 | DPDT (Double Pole, Double Throw) |
| **Action** | CW | Alternate Action (Latch/Maintained) - Push to stay, Push to release |
| **Bushing** | CK | Circular, Bezel with IP65 protection |
| **Terminals** | W01 | Silver Contacts, Solder Lug/Quick Connect Terminals |
| **LED Color** | 5C | Red LED illumination |
| **Cap Type** | JS | Clear/Silver Cap with Insert |
---
## 2. Technical Specifications
Below are the primary electrical and mechanical characteristics:
### Electrical Characteristics
* **Contact Rating:** 5A @ 125V AC; 3A @ 250V AC; 3A @ 30V DC.
* **Contact Resistance:** 50 milliohms maximum.
* **Insulation Resistance:** 200 Megohms minimum @ 500V DC.
* **Dielectric Strength:** 1,000V AC minimum between contacts; 1,500V AC minimum between contacts and case.
* **LED Forward Voltage ($V_f$):** 2.0V (Standard for Red LED).
### Mechanical & Environmental
* **Sealing:** IP65 Rated (Dust-tight and protected against water jets).
* **Mounting Hole:** 22.0mm (.866").
* **Operating Temp:** -25°C to +50°C (-13°F to +122°F) for illuminated versions.
* **Mechanical Life:** 1,000,000 operations minimum.
---
## 3. Circuit Configuration (DPDT)
This switch features a **Double Pole Double Throw** configuration. This allows the user to control two independent circuits simultaneously with one press.
```text
Terminal Layout (Bottom View):
(L+) (L-) <-- LED Terminals
1 4 <-- Common (COM)
2 5 <-- Normally Closed (NC)
3 6 <-- Normally Open (NO)
```
---
## 4. Key Applications
* **Industrial Control Panels:** Due to the IP65 rating and rugged build.
* **Communication Equipment:** Reliable switching for broadcast or data centers.
* **Medical Equipment:** High-cycle life and easy-to-clean bezel.
* **Public Kiosks:** Tamper-resistant design prevents unauthorized removal.
- ⤷
Does this switch require an external resistor for the 2.0V LED when using a 12V or 24V power supply?
- ⤷ What is the difference between the 'CW' (Maintained) and 'MK' (Momentary) versions of this switch?
- ⤷ Can this switch be used in outdoor environments where it is exposed to direct rain?