Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • YVD-4-R

  • AI
    The **YVD-4-R** is a specific model of a **Differential Pressure Vacuum Transducer** (or sensor), commonly used in semiconductor manufacturing, vacuum systems, and HVAC pressure monitoring. It is designed to convert physical pressure changes into measurable electrical signals. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and physical characteristics of the YVD-4-R: | Feature | Description | | :--- | :--- | | **Component Type** | Differential Pressure Sensor / Transducer | | **Input Pressure Range** | Typically low-range vacuum (e.g., 0 to 500 Pa or custom scales) | | **Output Signal** | Analog (Standard 4-20mA or 0-10VDC depending on sub-model) | | **Supply Voltage** | 24V DC (Standard industrial power) | | **Connection Type** | Multi-pin circular connector or screw terminals | | **Accuracy** | High precision (usually ±0.25% to ±0.5% Full Scale) | --- ### 2. Core Electronic Components The internal architecture of a YVD-4-R transducer generally consists of three main stages: #### A. Sensing Element (Diaphragm) * **Capacitance or Piezo-resistive:** It utilizes a thin metallic or ceramic diaphragm. When pressure changes, the diaphragm deflects, altering the capacitance or resistance between it and a fixed electrode. #### B. Signal Conditioning Circuitry * **Bridge Circuit:** Converts the raw physical deflection into a millivolt signal. * **Amplifier:** Since the raw signal is very weak, an internal operational amplifier (Op-Amp) boosts the signal to industrial standards. * **Temperature Compensation:** Includes thermistors to ensure the electronic readings remain accurate even if the ambient temperature fluctuates. #### C. Output Stage * **V/I Converter:** A voltage-to-current converter circuit ensures a stable **4-20mA loop**, which is resistant to electronic noise over long cable distances. --- ### 3. Connection Diagram (General) Below is a conceptual representation of how the electronic pins are typically mapped in these industrial sensors: ```yaml Pin 1: +Vcc (Power Supply +24V) Pin 2: Common / Ground (0V) Pin 3: Signal Output (+) Pin 4: Shield / Earth Ground ``` --- ### 4. Applications The YVD-4-R is electronics-heavy because it is designed for integration into automated systems: 1. **Cleanroom Monitoring:** Measuring the pressure difference between two rooms to prevent contamination. 2. **Filter Monitoring:** Detecting when a vacuum filter is clogged by measuring the pressure drop across it. 3. **Thin-Film Deposition:** Monitoring vacuum stability during chemical processes.
    ✨ Follow-up Questions
    • ⤷What is the specific pressure range of the YVD-4-R model?
    • ⤷ How do I calibrate the 4-20mA output for this sensor?
    • ⤷ What are the common failure modes for vacuum transducers in semiconductor environments?