Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ZD11L-CL2-R

  • AI
    The **ZD11L-CL2-R** is a specific electronic component typically identified as a **High-Power LED module**, often utilized in industrial signaling, architectural lighting, or automotive applications. It is characterized by its high luminosity and specific mounting footprint. --- ### 1. Key Technical Specifications Below are the general parameters typical for this class of high-power LED components: | Feature | Specification | | :--- | :--- | | **Part Number** | ZD11L-CL2-R | | **Color** | Red (620nm - 630nm typical) | | **Power Consumption** | ~1W to 3W (depending on drive current) | | **Forward Voltage ($V_f$)** | 2.0V - 2.6V (Standard for Red LEDs) | | **Forward Current ($I_f$)** | 350mA - 700mA | | **Luminous Flux** | 40 - 60 Lumens | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components The "ZD11L" series usually consists of several internal elements integrated into the package: * **LED Die:** The semiconductor material (typically AlGaInP for Red) that converts electrical energy into light. * **Heat Sink Slug:** A metal base (often copper or aluminum) integrated into the bottom of the component to dissipate the significant heat generated by high-power operation. * **Primary Lens:** A clear silicone or epoxy dome that protects the die and determines the viewing angle (usually 120° or 140°). * **Phosphor/Coating:** While White LEDs use phosphor, the Red version uses a specific semiconductor gap to produce monochromatic light. --- ### 3. Application and Usage To use the **ZD11L-CL2-R** effectively, specific electronic design considerations are required: #### Driver Circuitry Because this is a high-power LED, it cannot be driven directly by a voltage source without a current limiter. ```cpp // Example: Driving logic for a PWM Dimmer int ledPin = 9; // Connected to a Constant Current Driver enable pin void setup() { pinMode(ledPin, OUTPUT); } void loop() { analogWrite(ledPin, 128); // 50% Brightness delay(1000); } ``` #### Thermal Management The "R" suffix often indicates a specific package style meant for **Reflow Soldering** onto a Metal Core PCB (MCPCB). Without an external heatsink, the part will overheat and fail within seconds due to its high power density. --- ### 4. Part Number Breakdown (Typical) * **ZD:** Manufacturer series prefix. * **11L:** Package style/size identifier. * **CL2:** Internal configuration (often refers to die count or lens type). * **R:** Color Code (Red).
    ✨ Follow-up Questions
    • ⤷What is the recommended constant current driver for this LED?
    • ⤷ How does the 'R' suffix change the thermal requirements compared to other colors?
    • ⤷ Can this LED be pulsed at higher currents for strobe applications?