Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ZWS100BAF-12-R

  • AI
    The **ZWS100BAF-12-R** is a high-reliability, open-frame AC-DC power supply manufactured by TDK-Lambda. It is part of the ZWS-BAF series, designed for industrial applications requiring high efficiency and a compact footprint. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of this specific model: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (47-63Hz) or 120 - 370 VDC | | **Output Voltage** | 12V DC | | **Output Current** | 8.5A | | **Maximum Power** | 102 Watts | | **Efficiency** | 86% - 88% (typical) | | **Cooling** | Convection Cooled | --- ### 2. Suffix Meaning ("-R") In the TDK-Lambda nomenclature, the suffixes denote specific hardware modifications: * **ZWS100BAF**: The base series and power rating (100W). * **12**: The output voltage (12V). * **-R**: This stands for **Remote ON/OFF Control**. This allows the user to turn the output on or off using an external electrical signal without disconnecting the AC input. --- ### 3. Electronic Design Features The ZWS100BAF-12-R incorporates several sophisticated electronic subsystems: #### A. Power Factor Correction (PFC) The "BAF" designation indicates active Power Factor Correction. This circuitry ensures the unit complies with **IEC61000-3-2** standards, reducing harmonic current emissions and improving energy efficiency on the grid. #### B. Protection Circuitry The internal PCB includes dedicated components for: * **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery. * **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 115-135% of nominal voltage. * **Thermal Protection:** Integrated sensors to prevent damage from overheating. #### C. Input/Output Isolation * **Isolation Voltage:** Designed to withstand 3.0kVAC between Input and Output. * **EMI Filtering:** Built-in line filters to meet EN55011/EN55022-B (Class B) radiated and conducted noise standards. --- ### 4. Physical Layout and Connectivity As an "Open Frame" type, the electronic components are mounted on a single PCB without a full metal enclosure, which aids in heat dissipation via convection. * **Input Connectors:** Typically JST or equivalent friction lock headers. * **Voltage Adjustment:** A small potentiometer (VR) is usually located near the output terminals to fine-tune the 12V output (typically ±10%). ---
    ✨ Follow-up Questions
    • ⤷What are the mounting requirements for optimal heat dissipation in the ZWS100BAF series?
    • ⤷ How does the Remote ON/OFF circuit interface with external controllers?
    • ⤷ What is the derating curve for this power supply at high temperatures?