ZWS100BAF-15-R
AI

## Overview of the TDK-Lambda ZWS100BAF-15/R
The **ZWS100BAF-15/R** is a high-reliability, industrial-grade AC-DC power supply module manufactured by TDK-Lambda. It belongs to the ZWS-BAF series, which is characterized by its "open-frame" design, high efficiency, and active power factor correction (PFC).
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 15V DC |
| **Output Current** | 6.7A |
| **Total Power** | 100W |
| **Input Voltage Range** | 85 - 265V AC (Universal Input) or 120 - 370V DC |
| **Efficiency** | ~86% - 88% (Typical at 200VAC) |
| **Cooling** | Convection Cooled (No fan required) |
| **Isolation** | Input to Output: 3.0kVAC |
---
### 2. Suffix Meaning ("/R")
The **/R** suffix in the part number indicates a specific modification:
* **Remote On/Off Control:** This version includes an additional connector that allows the user to turn the output voltage on or off using an external signal without disconnecting the AC input.
---
### 3. Core Electronic Components & Features
The internal architecture of the ZWS100BAF-15/R consists of several critical stages:
#### A. Input Protection and Filtering
* **Fuse:** Built-in protection against catastrophic component failure.
* **EMI Filter:** A combination of X/Y capacitors and common-mode chokes to minimize electromagnetic interference.
* **Inrush Current Limiter:** Typically a thermistor (NTC) to prevent high current spikes when the unit is first plugged in.
#### B. Active Power Factor Correction (PFC)
* Uses a boost converter topology to ensure the input current waveform follows the input voltage waveform. This reduces harmonic distortion and complies with IEC61000-3-2 standards.
#### C. DC-DC Conversion Stage
* **PWM Controller:** Regulates the switching frequency to maintain a steady 15V output regardless of load or input fluctuations.
* **Power MOSFETs:** High-speed switches that drive the main transformer.
* **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output.
#### D. Output Rectification & Filtering
* **Schottky Diodes/Synchronous Rectification:** Converts the high-frequency AC from the transformer back into DC.
* **Low ESR Electrolytic Capacitors:** Smooths the voltage ripple to ensure "clean" DC power.
---
### 4. Protection Circuitry
The module includes "intelligent" electronic safeguards:
1. **Overcurrent Protection (OCP):** Automatically limits current if the load exceeds ~105% of rated capacity (Hiccup mode).
2. **Overvoltage Protection (OVP):** Shuts down the unit if the output voltage rises above a safe threshold (typically 115-135% of nominal).
3. **Thermal Protection:** Reduces output or shuts down if the internal temperature exceeds safe operating limits.
- ⤷
What are the physical dimensions and mounting options for the ZWS100BAF series?
- ⤷ How does the 'Remote On/Off' signal circuit need to be wired?
- ⤷ Is this power supply suitable for medical or purely industrial applications?