Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ZWS150BAF-24-R

  • AI
    ## Overview of the ZWS150BAF-24/R The **ZWS150BAF-24/R** is a high-reliability, open-frame AC-DC power supply manufactured by **TDK-Lambda**. It is part of the ZWS-BAF series, designed for industrial applications requiring high efficiency and a compact footprint. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 24V DC | | **Output Power** | 150W | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Current** | 6.3A | | **Efficiency** | Up to 90% | | **Cooling** | Convection Cooled | | **Safety Certifications** | UL60950-1, EN60950-1, EN50178 | --- ### Electronic Components & Design Characteristics The internal architecture of the ZWS150BAF-24/R consists of several critical stages: #### 1. Input Protection and Filtering (EMI Stage) * **Fuse:** Built-in protection against catastrophic component failure. * **Varistors (MOV):** Protects the circuit from high-voltage transients/surges. * **EMC Filter:** Includes X and Y capacitors and common-mode chokes to reduce conducted electromagnetic interference to meet industrial standards (EN55011/22-B). #### 2. Active Power Factor Correction (PFC) * The "**BAF**" suffix indicates the inclusion of an **Active PFC circuit**. * This stage uses a controller IC and a boost converter (Inductor + MOSFET) to ensure the input current waveform follows the voltage waveform, resulting in a power factor close to 0.99. #### 3. DC-DC Conversion Stage * **Switching MOSFETs:** High-speed transistors that chop the rectified DC into high-frequency AC. * **Main Transformer:** Provides galvanic isolation between the primary (high voltage) and secondary (low voltage) sides. * **Schottky Rectifiers:** Used on the output side for low-loss rectification into 24V DC. #### 4. The "/R" Remote ON/OFF Functionality The **"/R"** suffix denotes a specific electronic option: * **Remote Control Circuit:** This model includes an additional opto-isolator and terminal that allows the user to turn the output ON or OFF via an external signal without disconnecting the AC input. --- ### Physical Dimensions The unit is designed for space-constrained environments: * **Width:** 75 mm * **Length:** 160 mm * **Height:** 37 mm --- ### Application Usage * **Industrial Automation:** Powering PLCs, sensors, and actuators. * **Test and Measurement:** Precision lab equipment. * **Communication:** Base stations and networking hardware requiring 24V power.
    ✨ Follow-up Questions
    • ⤷ How do I connect the Remote ON/OFF signal for the /R model?
    • ⤷ What is the derating curve for this power supply at high temperatures?
    • ⤷ Can this unit be mounted in any orientation?