Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • ZWS300BAF-48-R

  • AI
    The **ZWS300BAF-48-R** is a high-reliability, industrial-grade AC-DC power supply manufactured by TDK-Lambda. It is part of the ZWS-BAF series, designed for compact spaces and high efficiency. --- ## 1. Technical Specifications The following table summarizes the core electronic parameters of this specific model: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal) or 120 - 370 VDC | | **Output Voltage** | 48 VDC | | **Output Current** | 6.3 A | | **Max Power Output** | 302.4 W | | **Efficiency** | ~90% (at 200VAC) | | **Cooling** | Convection Cooled (No fan required) | | **Form Factor** | Open Frame / L-Bracket | --- ## 2. Key Electronic Features The "BAF" and "-R" suffixes indicate specific internal circuitry and features: ### Active Power Factor Correction (PFC) This unit features built-in active PFC, compliant with **EN61000-3-2**. This reduces harmonic distortion and improves the efficiency of power usage from the AC grid. ### The "-R" Remote On/Off Function The **-R** suffix is a specific hardware option: * **Function:** Allows the user to turn the output voltage ON or OFF using an external electrical signal without disconnecting the AC input. * **Benefit:** Useful for automated systems where the power supply needs to be cycled for energy saving or safety. ### Protection Circuitry The device includes robust protection mechanisms to prevent damage to the load or the supply itself: 1. **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery. 2. **Overvoltage Protection (OVP):** Shuts down the output if the voltage exceeds a safe threshold (approx. 55.2V - 64.8V). 3. **Thermal Protection:** Sensors to detect overheating and shut down the unit until temperatures return to safe levels. --- ## 3. Physical & Connection Interface * **Topology:** High-frequency switching mode power supply. * **Connectors:** Typically uses JST or similar crimp-style connectors for the I/O, which is standard for internal industrial mounting. * **Isolation:** High isolation voltage between Input-Output (3.0kVAC) and Input-Ground (2.0kVAC). --- ## 4. Typical Applications Due to its 48V output and high reliability, it is commonly used in: * **Telecommunications:** Powering base stations or networking hardware. * **Industrial Automation:** Powering PLCs, sensors, and motor controllers. * **Medical Equipment:** (Non-patient contact) due to its high MTBF (Mean Time Between Failures).
    ✨ Follow-up Questions
    • ⤷ How do I wire the Remote On/Off (-R) pin to a microcontroller?
    • ⤷ What is the derating curve for this power supply at high temperatures?
    • ⤷ Can this unit be mounted in any orientation?