Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GGBSFTP.45.9.A.08 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GGBSFTP.45.9.A.08 Datasheet

  • # Example questions: ➢ What is the pin diameter and length of the antenna for mechanical mounting purposes?
    ➢ What is the recommended soldering temperature and duration for manually soldering the ggbsftp.45.9.a.08 antenna?
    ➢ What are the operating and storage temperature ranges specified for this antenna?

  • Part No.GGBSFTP.45.9.A.08
    ManufacturerTAOGLAS
    Size905 Kbytes
    Pages12 pages
    Description45*45*9mm Terrablast Stacked Patch Antenna
    Datasheet Summary with AI

    # Terrablast Stacked Patch Antenna (GGBSFTP.45.9.A.08)

    ## Specifications
    ️· Part Number: GGBSFTP.45.9.A.08
    ️· Dimensions: 45 x 45 x 9 mm
    ️· Weight: 41.8g
    ️· Material: Terrablast
    ️· Pin Diameter: 0.9 mm
    ️· Pin Length: 1.7 mm
    ️· Impedance: 50 
    ️· RoHS Compliant

    ## Electrical Characteristics
    ️· Frequency Bands: GPS L1, GPS L2, GPS L5, GLONASS, Galileo, BeiDou
    ️· GPS L1 (1575.42 MHz): Return Loss ≤-10dB, Efficiency 63%, Average Gain -2 dB, Peak Gain 2.5 dBi
    ️· GPS L2 (1227.6 MHz): Return Loss ≤-10dB, Efficiency 50%, Average Gain -2.9 dB, Peak Gain 1.1 dBi
    ️· GPS L5 (1176.45 MHz): Return Loss ≤-6dB, Efficiency 31%, Average Gain -4.9 dB, Peak Gain -0.8 dBi
    ️· Polarization: RHCP

    ## Mounting & Assembly

    ️· Mounting: Pin and double-sided adhesive
    ️· Soldering: Manual soldering at 380°C +/- 20°C for 3-5 seconds. *Not suitable for SMD reflow.*
    ️· Ground Plane: Tuned for 50x50mm ground plane.

    ## Environmental
    ️· Operating Temperature: -30°C to 85°C
    ️· Storage Temperature: -40°C to 95°C
    ️· Humidity: Non-condensing 65°C 95% RH

    ## Adhesive
    ️· Adhesive thickness without liner: 0.08~0.1mm

    # Terrablast Stacked Patch Antenna (GGBSFTP.45.9.A.08)

    ## Specifications
    ️· Part Number: GGBSFTP.45.9.A.08
    ️· Dimensions: 45 x 45 x 9 mm
    ️· Weight: 41.8g
    ️· Material: Terrablast
    ️· Pin Diameter: 0.9 mm
    ️· Pin Length: 1.7 mm
    ️· Impedance: 50 
    ️· RoHS Compliant

    ## Electrical Characteristics
    ️· Frequency Bands: GPS L1, GPS L2, GPS L5, GLONASS, Galileo, BeiDou
    ️· GPS L1 (1575.42 MHz): Return Loss ≤-10dB, Efficiency 63%, Average Gain -2 dB, Peak Gain 2.5 dBi
    ️· GPS L2 (1227.6 MHz): Return Loss ≤-10dB, Efficiency 50%, Average Gain -2.9 dB, Peak Gain 1.1 dBi
    ️· GPS L5 (1176.45 MHz): Return Loss ≤-6dB, Efficiency 31%, Average Gain -4.9 dB, Peak Gain -0.8 dBi
    ️· Polarization: RHCP

    ## Mounting & Assembly
    ️· Mounting: Pin and double-sided adhesive
    ️· Soldering: Manual soldering at 380°C +/- 20°C for 3-5 seconds. *Not suitable for SMD reflow.*
    ️· Ground Plane: Tuned for 50x50mm ground plane.

    ## Environmental
    ️· Operating Temperature: -30°C to 85°C
    ️· Storage Temperature: -40°C to 95°C
    ️· Humidity: Non-condensing 65°C 95% RH

    ## Adhesive
    ️· Adhesive thickness without liner: 0.08~0.1mm

    Part No.GGBSFTP.45.9.A.08
    ManufacturerTAOGLAS
    Size905 Kbytes
    Pages12 pages
    Description45*45*9mm Terrablast Stacked Patch Antenna