Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GGBSFTP.45.9.A.08 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # GGBSFTP.45.9.A.08
Description  45*45*9mm Terrablast Stacked Patch Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GGBSFTP.45.9.A.08 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  GGBSFTP.45.9.A.08 Datasheet HTML 1Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 2Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 3Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 4Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 5Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 6Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 7Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 8Page - Taoglas antenna solutions GGBSFTP.45.9.A.08 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPE-18-8-093/A/AH
Page 3 of 12
2. Specification
ELECTRICAL
GPS L1
GPS L2
GPS L5
Frequency
1575.42 MHz
1227.6 MHz
1176.45 MHz
Return Loss
≤-10dB
≤-10dB
≤-6dB
Efficiency
63 %
50 %
31 %
Average
Gain
-2 dB
-2.9 dB
-4.9 dB
Peak Gain
2.5 dBi typ.
1.1 dBi typ.
-0.8 dBi typ.
Polarization
RHCP
RHCP
RHCP
Impedance
50 
50 
50 
MECHANICAL
Dimensions
45 x 45 x 9 mm
Material
Terrablast
Pin Diameter
0.9 mm
Pin Length
1.7 mm
Weight
41.8g
ENVIRONMENTAL
Operation
Temperature
-30°C to 85°C
Storage
Temperature
-40°C to 95°C
Humidity
Non-condensing 65°C 95% RH
* Antenna properties were measured with the antenna mounted on 50*50mm Ground Plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com