Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8601ARTZ-REEL7 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD8601ARTZ-REEL7 Datasheet

  • # Example questions: ➢ Compare and contrast the full power bandwidth (bwp) specification in the 'a' datasheet with the gain bandwidth product (gbp) specification in the 'b' datasheet. what differences do you notice and what do they suggest about the amplifier's performance?
    ➢ What are the potential risks of exceeding the specified storage temperature range, and what measures could be taken to mitigate those risks?
    ➢ Analyze the 'power supply rejection ratio (psrr)' values in both datasheets. how does the psrr change with supply voltage, and what implications does this have for the amplifier's susceptibility to noise on the power supply lines?

  • Part No.AD8601ARTZ-REEL7
    ManufacturerAD
    Size395 Kbytes
    Pages24 pages
    DescriptionPrecision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
    Datasheet Summary with AI

    1. General Information & Identification

    ️· Device Types: AD8601, AD8602, AD8604 (likely variations in the number of channels)
    ️· Function: Precision, low-noise operational amplifiers.

    2. Absolute Maximum Ratings

    These are the limits beyond which the device *could* be damaged. Do not operate the device consistently near these values.

    ️· Supply Voltage (VS): 6 V
    ️· Input Voltage: Ground to VS
    ️· Differential Input Voltage: ±6 V
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -40°C to +125°C
    ️· Junction Temperature Range: -65°C to +150°C
    ️· Lead Temperature (Soldering): 300°C (60 seconds)
    ️· ESD (Human Body Model): 2 kV

    3. Thermal Resistance

    This describes how well the device dissipates heat.

    ️· θJA (Junction-to-Ambient): This varies with package type:
    - 5-Lead SOT-23: 190 °C/W
    - 8-Lead SOIC: 120 °C/W
    - 8-Lead MSOP: 142 °C/W
    - 14-Lead SOIC: 115 °C/W
    - 14-Lead TSSOP: 112 °C/W
    - 16-Lead QSOP: 115 °C/W
    ️· θJC (Junction-to-Case): This also varies with package type and is generally lower than θJA. Examples:
    - SOT-23: 92 °C/W
    - SOIC, MSOP: around 45 °C/W
    - TSSOP, QSOP: around 35-36 °C/W

    4. Electrical Characteristics (Table 3 - Excerpt)

    This table (only a portion is provided) details crucial electrical parameters. I'm organizing by category:

    ️· Input Characteristics:
    - Differential Input Voltage: ±6V
    ️· Output Characteristics:
    - Output Voltage High: 4.925V to 4.975V
    - Output Voltage Low: 4.7V to 4.77V
    ️· Current & Power:
    - Supply Current (ISY): 750 µA to 1500 µA
    ️· Gain & Frequency Response
    - Full Power Bandwidth: 360 kHz
    - Gain-Bandwidth Product (GBP): 8.4 MHz
    ️· Noise Performance
    - Voltage Noise Density: 33 nV/√Hz @ 1kHz
    - Current Noise Density: 18 pA/√Hz @ 1kHz
    ️· Power Supply Rejection Ratio (PSRR): 67 dB to 80 dB

    5. Dynamic Performance

    ️· Slew Rate: 6 V/µs
    ️· Settling Time (0.1%): 1.0 µs
    ️· Phase Margin: 55 degrees

    Key Takeaways & Considerations

    ️· Precision Op-Amps: These are designed for applications requiring accuracy and low noise.
    ️· Power Supply Limits: The 6V supply voltage limit is important.
    ️· Thermal Management: Careful thermal design is necessary, especially with higher power dissipation. Use the θJA values to calculate the required heatsinking or airflow.
    ️· ESD Sensitivity: Handle with appropriate ESD precautions.
    ️· Full Specification Needed: This is just an excerpt. You'll need the complete datasheet for a full understanding of all performance characteristics, application circuits, and package details.

    1. General Information & Identification

    ️· Device Types: AD8601, AD8602, AD8604 (likely variations in the number of channels)
    ️· Function: Precision, low-noise operational amplifiers.

    2. Absolute Maximum Ratings

    These are the limits beyond which the device *could* be damaged. Do not operate the device consistently near these values.

    ️· Supply Voltage (VS): 6 V
    ️· Input Voltage: Ground to VS
    ️· Differential Input Voltage: ±6 V
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -40°C to +125°C
    ️· Junction Temperature Range: -65°C to +150°C
    ️· Lead Temperature (Soldering): 300°C (60 seconds)
    ️· ESD (Human Body Model): 2 kV

    3. Thermal Resistance

    This describes how well the device dissipates heat.

    ️· θJA (Junction-to-Ambient): This varies with package type:
    - 5-Lead SOT-23: 190 °C/W
    - 8-Lead SOIC: 120 °C/W
    - 8-Lead MSOP: 142 °C/W
    - 14-Lead SOIC: 115 °C/W
    - 14-Lead TSSOP: 112 °C/W
    - 16-Lead QSOP: 115 °C/W
    ️· θJC (Junction-to-Case): This also varies with package type and is generally lower than θJA. Examples:
    - SOT-23: 92 °C/W
    - SOIC, MSOP: around 45 °C/W
    - TSSOP, QSOP: around 35-36 °C/W

    4. Electrical Characteristics (Table 3 - Excerpt)

    This table (only a portion is provided) details crucial electrical parameters. I'm organizing by category:

    ️· Input Characteristics:
    - Differential Input Voltage: ±6V
    ️· Output Characteristics:
    - Output Voltage High: 4.925V to 4.975V
    - Output Voltage Low: 4.7V to 4.77V
    ️· Current & Power:
    - Supply Current (ISY): 750 µA to 1500 µA
    ️· Gain & Frequency Response
    - Full Power Bandwidth: 360 kHz
    - Gain-Bandwidth Product (GBP): 8.4 MHz
    ️· Noise Performance
    - Voltage Noise Density: 33 nV/√Hz @ 1kHz
    - Current Noise Density: 18 pA/√Hz @ 1kHz
    ️· Power Supply Rejection Ratio (PSRR): 67 dB to 80 dB

    5. Dynamic Performance

    ️· Slew Rate: 6 V/µs
    ️· Settling Time (0.1%): 1.0 µs
    ️· Phase Margin: 55 degrees

    Key Takeaways & Considerations

    ️· Precision Op-Amps: These are designed for applications requiring accuracy and low noise.
    ️· Power Supply Limits: The 6V supply voltage limit is important.
    ️· Thermal Management: Careful thermal design is necessary, especially with higher power dissipation. Use the θJA values to calculate the required heatsinking or airflow.
    ️· ESD Sensitivity: Handle with appropriate ESD precautions.
    ️· Full Specification Needed: This is just an excerpt. You'll need the complete datasheet for a full understanding of all performance characteristics, application circuits, and package details.

    Part No.AD8601ARTZ-REEL7
    ManufacturerAD
    Size395 Kbytes
    Pages24 pages
    DescriptionPrecision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers