Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8601ARTZ-REEL7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8601ARTZ-REEL7
Description  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8601ARTZ-REEL7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8601ARTZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 12Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 13Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 14Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 15Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 16Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 17Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 18Page - Analog Devices AD8601ARTZ-REEL7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8601/AD8602/AD8604
Rev. I | Page 15 of 24
THEORY OF OPERATION
The AD8601/AD8602/AD8604 family of amplifiers are rail-to-rail
input and output, precision CMOS amplifiers that operate from
2.7 V to 5.0 V of the power supply voltage. These amplifiers use
Analog Devices, Inc., DigiTrim® technology to achieve a higher
degree of precision than available from most CMOS amplifiers.
DigiTrim technology is a method of trimming the offset voltage
of the amplifier after it has been assembled. The advantage in post-
package trimming lies in the fact that it corrects any offset voltages
due to the mechanical stresses of assembly. This technology is
scalable and used with every package option, including the 5-lead
SOT-23, providing lower offset voltages than previously achieved
in these small packages.
The DigiTrim process is completed at the factory and does not
add additional pins to the amplifier. All AD860x amplifiers are
available in standard op amp pinouts, making DigiTrim
completely transparent to the user. The AD860x can be used in any
precision op amp application.
The input stage of the amplifier is a true rail-to-rail
architecture, allowing the input common-mode voltage range
of the op amp to extend to both positive and negative supply
rails. The voltage swing of the output stage is also rail-to-rail
and is achieved by using an NMOS and PMOS transistor pair
connected in a common-source configuration. The maximum
output voltage swing is proportional to the output current, and
larger currents limit how close the output voltage can get to the
supply rail, which is a characteristic of all rail-to-rail output
amplifiers. With 1 mA of output current, the output voltage can
reach within 20 mV of the positive rail and within 15 mV of the
negative rail. At light loads of >100 kΩ, the output swings
within ~1 mV of the supplies.
The open-loop gain of the AD860x is 80 dB, typical, with a load
of 2 kΩ. Because of the rail-to-rail output configuration, the gain
of the output stage and the open-loop gain of the amplifier are
dependent on the load resistance. Open-loop gain decreases with
smaller load resistances. Again, this is a characteristic inherent
to all rail-to-rail output amplifiers.
RAIL-TO-RAIL INPUT STAGE
The input common-mode voltage range of the AD860x extends
to both the positive and negative supply voltages. This maximizes
the usable voltage range of the amplifier, an important feature
for single-supply and low voltage applications. This rail-to-rail
input range is achieved by using two input differential pairs,
one NMOS and one PMOS, placed in parallel. The NMOS pair
is active at the upper end of the common-mode voltage range,
and the PMOS pair is active at the lower end.
The NMOS and PMOS input stages are separately trimmed
using DigiTrim to minimize the offset voltage in both
differential pairs. Both NMOS and PMOS input differential
pairs are active in a 500 mV transition region, when the input
common-mode voltage is between approximately 1.5 V and 1 V
below the positive supply voltage. The input offset voltage shifts
slightly in this transition region, as shown in Figure 9 and
Figure 10 .The common-mode rejection ratio is also slightly
lower when the input common-mode voltage is within this
transition band. Compared to the Burr-Brown OPA2340UR rail-
to-rail input amplifier, shown in Figure 54, the AD860x, shown
in Figure 55, exhibits lower offset voltage shift across the entire
input common-mode range, including the transition region.
0.7
0.4
0.1
–0.2
–0.5
–0.8
–1.1
–1.4
0
1
2
3
4
5
VCM (V)
Figure 54. Burr-Brown OPA2340UR Input Offset Voltage vs.
Common-Mode Voltage, 24 SOIC Units @ 25°C
0.7
0.4
0.1
–0.2
–0.5
–0.8
–1.1
–1.4
0
1
2
3
4
5
VCM (V)
Figure 55. AD8602AR Input Offset Voltage vs. Common-Mode Voltage,
300 SOIC Units @ 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL