Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA733 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SA733 Datasheet

  • # Example questions: ➢ What is the maximum collector-base voltage (vcbo) for the 2sa733 transistor?
    ➢ What is the typical frequency (ft) of the 2sa733 transistor under the specified test conditions?
    ➢ Within what range of hfe values would a 2sa733 transistor be marked with 'cs'?

  • Part No.2SA733
    ManufacturerSECOS
    Size284 Kbytes
    Pages2 pages
    DescriptionPNP Plastic Encapsulated Transistor
    Datasheet Summary with AI

    Device: 2SA733

    Type: PNP Bipolar Junction Transistor (BJT)

    Key Characteristics:

    ️· Voltage Ratings:
    - Collector-Base Voltage (VCBO): -60V
    - Collector-Emitter Voltage (VCEO): -50V
    - Emitter-Base Voltage (VEBO): -5V
    ️· Current Ratings:
    - Continuous Collector Current (IC): -150mA
    - Power Dissipation (Pc): 200mW
    ️· Temperature:
    - Junction Temperature (TJ): +150°C
    - Storage Temperature Range (TSTG): -55°C to +150°C

    Electrical Characteristics (Typical Values/Ranges - see datasheet for test conditions):

    ️· Saturation Parameters:
    - VCE(sat): -0.18V to -0.30V (at IC = -100mA, IB = -10mA)
    - VBE(on): -0.58V to -0.68V (at VCE = -6V, IC = -1mA)
    ️· Gain:
    - hFE (DC Current Gain): 120-475 (VCE = -6V, IC = -1mA) - Classified into ranks (L: 120-220, H: 220-475) with marking "CS".
    ️· Frequency:
    - Transition Frequency (fT): 50 MHz (VCE = -6V, IC = -10mA)
    ️· Capacitance:
    - Collector-Base Capacitance (Cob): 4.5 - 7 pF (VCB = -10V, f = 1 MHz)
    ️· Leakage Current:
    - ICBO: ≤ -100 nA (VCB = -60V, IE = 0)
    - IEBO: ≤ -100 nA (VEB = -5V, IC = 0)
    ️· Noise Figure:
    - NF: 6-20 dB (VCE = -6V, IC = -0.3mA, Rg = 10 kΩ, f = 100 Hz)

    Package: SOT-23

    Important Notes:

    ️· The 'hFE' value is categorized into two ranks (L and H) with a marking of "CS" on the package.
    ️· All values are based on specific test conditions, so refer to the full datasheet for precise details.

    Device: 2SA733

    Type: PNP Bipolar Junction Transistor (BJT)

    Key Characteristics:

    ️· Voltage Ratings:
    - Collector-Base Voltage (VCBO): -60V
    - Collector-Emitter Voltage (VCEO): -50V
    - Emitter-Base Voltage (VEBO): -5V
    ️· Current Ratings:
    - Continuous Collector Current (IC): -150mA
    - Power Dissipation (Pc): 200mW
    ️· Temperature:
    - Junction Temperature (TJ): +150°C
    - Storage Temperature Range (TSTG): -55°C to +150°C

    Electrical Characteristics (Typical Values/Ranges - see datasheet for test conditions):

    ️· Saturation Parameters:
    - VCE(sat): -0.18V to -0.30V (at IC = -100mA, IB = -10mA)
    - VBE(on): -0.58V to -0.68V (at VCE = -6V, IC = -1mA)
    ️· Gain:
    - hFE (DC Current Gain): 120-475 (VCE = -6V, IC = -1mA) - Classified into ranks (L: 120-220, H: 220-475) with marking "CS".
    ️· Frequency:
    - Transition Frequency (fT): 50 MHz (VCE = -6V, IC = -10mA)
    ️· Capacitance:
    - Collector-Base Capacitance (Cob): 4.5 - 7 pF (VCB = -10V, f = 1 MHz)
    ️· Leakage Current:
    - ICBO: ≤ -100 nA (VCB = -60V, IE = 0)
    - IEBO: ≤ -100 nA (VEB = -5V, IC = 0)
    ️· Noise Figure:
    - NF: 6-20 dB (VCE = -6V, IC = -0.3mA, Rg = 10 kΩ, f = 100 Hz)

    Package: SOT-23

    Important Notes:

    ️· The 'hFE' value is categorized into two ranks (L and H) with a marking of "CS" on the package.
    ️· All values are based on specific test conditions, so refer to the full datasheet for precise details.

    Part No.2SA733
    ManufacturerSECOS
    Size284 Kbytes
    Pages2 pages
    DescriptionPNP Plastic Encapsulated Transistor