Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA733 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA733
Description  PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA733 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA733 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA733 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SA733
-60 V, -150 mA
PNP Plastic Encapsulated Transistor
01-June-2003 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Complementary to 2SC945
Collector-Base Voltage: VCBO=-60V
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
(TA=25℃ unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-150
mA
Total Power Dissipation
Pc
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
ELECTRICAL CHARACTERISTICS
(Tamb=25℃ unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-5uA, IE = 0
BVCEO
-50
-
-
V
IC=-1mA, IB = 0
BVEBO
-5
-
-
V
IE=-50uA, IC = 0
ICBO
-
-
-100
nA
VCB=-60V, IE = 0
IEBO
-
-
-100
nA
VEB=-5V, IC = 0
VCE(sat)
-
-0.18
-0.30
V
IC=-100mA, IB=-10mA
VBE(on)
-0.58
-0.62
-0.68
V
VCE = -6V, IC = -1.0mA
hFE
120
-
475
VCE=-6V, IC=-1mA
fT
50
-
-
MHz
VCE=-6V, IC=-10mA
Cob
-
4.5
7
pF
VCB = -10V, IE = 0, f = 1 MHz
NF (noise figures)
-
6
20
dB
VCE=-6V, IC=-0.3mA, Rg=10kΩ, f=100HZ
CLASSIFICATION OF hFE
Rank
L
H
Range
120 - 220
220 – 475
Marking
CS
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - 2SA733

ManufacturerPart #DatasheetDescription
logo
NEC
2SA733 NEC-2SA733 Datasheet
69Kb / 1P
PNP SILICON TRANSISTOR
logo
Dc Components
2SA733 DCCOM-2SA733 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
Daya Electric Group Co....
2SA733 DAYA-2SA733 Datasheet
798Kb / 1P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
logo
Unisonic Technologies
2SA733 UTC-2SA733 Datasheet
175Kb / 4P
LOW FREQUENCY AMPLIFIER PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SA733

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com