| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AS111 Datasheet
# Example questions:
➢ What supply voltage range is supported by the as111 comparator?
➢ What does the document state regarding orders referencing the smd part number instead of the asi part number?
1. General Information & Device Overview
️· Device: AS111 Voltage Comparator
️· Function: A high-speed voltage comparator suitable for a variety of applications including oscillators, timers, and data comparators.
️· Emphasis on Careful Handling: The datasheet repeatedly stresses the importance of proper layout, grounding, and circuit design to avoid oscillations and ensure stable operation. This is especially crucial for high-frequency applications.
2. Applications Mentioned
️· 10Hz to 10kHz Voltage Controlled Oscillator (VCO)
️· Timers
️· Data Comparators
️· Logic Circuits
️· Sample and Hold Circuits
️· Zero Crossing Detectors
️· Motor Speed Control
3. Packaging Options & Cross-Reference
️· Package Types:
- C008 (likely a small surface mount package)
- C014 (likely a small surface mount package)
- E020
- TO08 (TO-8, a standard through-hole package)
️· DSCC Cross-Reference: The datasheet includes a table correlating ASI part numbers to corresponding DSCC (Defense Supply Center Columbus) part numbers, particularly for military/aerospace applications. Several cross-references are listed.
️· SMD Note: A note mentions that orders referencing SMD (Surface Mount Device) part numbers will be processed accordingly, implying there are SMD options available.
4. Datasheet Content & Technical Aspects (Highlights)
️· Electrical Characteristics: This is the core of the datasheet, specifying parameters like Input Bias Current, Input Offset Voltage, Propagation Delay Time, Supply Voltage Requirements, Output Drive Capability, and more. The values are detailed and would be crucial for circuit design.
️· Schematic Diagram: A basic schematic of the AS111 is provided.
️· Package Dimensions: Detailed dimensional drawings are provided for each package type (C008, C014, E020, TO08), essential for PCB layout.
️· ASI TO DSCC Part Number Cross-Reference: A table cross-references ASI part numbers with DSCC equivalents.
️· Device Summary Table: Lists the part number, package type, and process.
5. Key Considerations/Recurring Themes
️· Oscillation Prevention: The datasheet repeatedly warns about the potential for oscillations in high-frequency circuits. Careful circuit design and layout are vital.
️· Grounding & Layout: Proper grounding techniques and PCB layout are essential for stable operation.
️· Detailed Specifications: The datasheet provides a comprehensive set of electrical characteristics.
1. General Information & Device Overview
️· Device: AS111 Voltage Comparator
️· Function: A high-speed voltage comparator suitable for a variety of applications including oscillators, timers, and data comparators.
️· Emphasis on Careful Handling: The datasheet repeatedly stresses the importance of proper layout, grounding, and circuit design to avoid oscillations and ensure stable operation. This is especially crucial for high-frequency applications.
2. Applications Mentioned
️· 10Hz to 10kHz Voltage Controlled Oscillator (VCO)
️· Timers
️· Data Comparators
️· Logic Circuits
️· Sample and Hold Circuits
️· Zero Crossing Detectors
️· Motor Speed Control
3. Packaging Options & Cross-Reference
️· Package Types:
- C008 (likely a small surface mount package)
- C014 (likely a small surface mount package)
- E020
- TO08 (TO-8, a standard through-hole package)
️· DSCC Cross-Reference: The datasheet includes a table correlating ASI part numbers to corresponding DSCC (Defense Supply Center Columbus) part numbers, particularly for military/aerospace applications. Several cross-references are listed.
️· SMD Note: A note mentions that orders referencing SMD (Surface Mount Device) part numbers will be processed accordingly, implying there are SMD options available.
4. Datasheet Content & Technical Aspects (Highlights)
️· Electrical Characteristics: This is the core of the datasheet, specifying parameters like Input Bias Current, Input Offset Voltage, Propagation Delay Time, Supply Voltage Requirements, Output Drive Capability, and more. The values are detailed and would be crucial for circuit design.
️· Schematic Diagram: A basic schematic of the AS111 is provided.
️· Package Dimensions: Detailed dimensional drawings are provided for each package type (C008, C014, E020, TO08), essential for PCB layout.
️· ASI TO DSCC Part Number Cross-Reference: A table cross-references ASI part numbers with DSCC equivalents.
️· Device Summary Table: Lists the part number, package type, and process.
5. Key Considerations/Recurring Themes
️· Oscillation Prevention: The datasheet repeatedly warns about the potential for oscillations in high-frequency circuits. Careful circuit design and layout are vital.
️· Grounding & Layout: Proper grounding techniques and PCB layout are essential for stable operation.
️· Detailed Specifications: The datasheet provides a comprehensive set of electrical characteristics.
| Part No. | AS111 |
| Manufacturer | AUSTIN |
| Size | 2Mb |
| Pages | 21 pages |
| Description | Voltage Comparator |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |