Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS12 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TS12 Datasheet

  • # Example questions: ➢ Which physical dimensions (ø d x l in mm) are associated with a capacitance of 0.22f and a rated voltage of 5.5v?
    ➢ What is the maximum operating temperature specified for these electric double layer capacitors?
    ➢ How does the internal resistance change as the capacitance increases, considering the provided standard ratings?

  • Part No.TS12
    ManufacturerSUNTAN
    Size169 Kbytes
    Pages1 page
    DescriptionELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
    Datasheet Summary with AI

    # TS12 Electric Double Layer Capacitor (Gold Capacitor)

    ## Features
    · Small size, large capacity, excellent voltage holding.
    · 5 mm terminal spacing for all ratings.
    · Wide temperature range: -25 to +70°C.
    · Ø13.5x7.5 size can encase up to 0.33F.
    · Suitable for CMOS, microcomputers, RAM backup in VCRs, tuners, TV sets, etc.

    ## Specifications
    · Operating Temperature: -25 to +70°C
    · Capacitance Tolerance: -20 to +80%
    · Internal Resistance: Varies by capacitance (see tables).
    · Stability: ±30% capacitance change at low/high temperatures.
    · Load Life (70°C): ±30% capacitance change, internal resistance within 4x specified value (1000 hrs).
    · Shelf Life (70°C): Same as load life (1000 hrs).

    ## Standard Ratings
    Rated Voltage (V) Capacitance (F) Dimensions (ØD x L mm)
    5.5 0.047 13.5 x 7.5
    5.5 0.1 13.5 x 7.5
    5.5 0.22 13.5 x 7.5
    5.5 0.33 13.5 x 7.5
    5.5 0.47 21.5 x 8
    5.5 1 21.5 x 8

    ## Coin Cell
    Rated Voltage (V) Capacitance (F) Dimensions (ØD x L mm)
    2.4 0.33 11 x 1.6
    2.4 2.2 18.3 x 2
    2.5 0.18 6.8 x 2.1

    ## High-Temperature ( -20 to +85°C )

    ## High-Power
    Rated Voltage (V) Capacitance (F) ESR (mΩ) Dimensions (ØD x L mm)
    2.5 0.047 300 8 x 22
    2.5 0.047 100 12.5 x 23
    2.5 0.047 80 12.5 x 31.5
    2.5 0.047 60 18 x 35
    2.5 0.047 60 18 x 40
    2.5 0.047 30 25 x 40
    2.5 0.047 300 35 x 50

    ## Miniaturized
    *(Dimensions available for 0.047, 0.1, 0.22, 0.33, and 1.0F at various sizes)*

    ## Coin Cell (High Voltage)
    *(Dimensions available for 0.047, 0.1, 0.47, 0.68, and 1.0F at 13.5x9.5 and 21.5x9.5 mm)*

    Note: Specifications subject to change. Visit www.suntan.com.hk for details.

    # TS12 Electric Double Layer Capacitor (Gold Capacitor)

    ## Features
    · Small size, large capacity, excellent voltage holding.
    · 5 mm terminal spacing for all ratings.
    · Wide temperature range: -25 to +70°C.
    · Ø13.5x7.5 size can encase up to 0.33F.
    · Suitable for CMOS, microcomputers, RAM backup in VCRs, tuners, TV sets, etc.

    ## Specifications
    · Operating Temperature: -25 to +70°C
    · Capacitance Tolerance: -20 to +80%
    · Internal Resistance: Varies by capacitance (see tables).
    · Stability: ±30% capacitance change at low/high temperatures.
    · Load Life (70°C): ±30% capacitance change, internal resistance within 4x specified value (1000 hrs).
    · Shelf Life (70°C): Same as load life (1000 hrs).

    ## Standard Ratings
    Rated Voltage (V) Capacitance (F) Dimensions (ØD x L mm)
    5.5 0.047 13.5 x 7.5
    5.5 0.1 13.5 x 7.5
    5.5 0.22 13.5 x 7.5
    5.5 0.33 13.5 x 7.5
    5.5 0.47 21.5 x 8
    5.5 1 21.5 x 8

    ## Coin Cell
    Rated Voltage (V) Capacitance (F) Dimensions (ØD x L mm)
    2.4 0.33 11 x 1.6
    2.4 2.2 18.3 x 2
    2.5 0.18 6.8 x 2.1

    ## High-Temperature ( -20 to +85°C )

    ## High-Power
    Rated Voltage (V) Capacitance (F) ESR (mΩ) Dimensions (ØD x L mm)
    2.5 0.047 300 8 x 22
    2.5 0.047 100 12.5 x 23
    2.5 0.047 80 12.5 x 31.5
    2.5 0.047 60 18 x 35
    2.5 0.047 60 18 x 40
    2.5 0.047 30 25 x 40
    2.5 0.047 300 35 x 50

    ## Miniaturized
    *(Dimensions available for 0.047, 0.1, 0.22, 0.33, and 1.0F at various sizes)*

    ## Coin Cell (High Voltage)
    *(Dimensions available for 0.047, 0.1, 0.47, 0.68, and 1.0F at 13.5x9.5 and 21.5x9.5 mm)*

    Note: Specifications subject to change. Visit www.suntan.com.hk for details.

    Part No.TS12
    ManufacturerSUNTAN
    Size169 Kbytes
    Pages1 page
    DescriptionELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR