Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS12 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS12
Description  ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS12 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS12 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRIC DOUBLE LAYER CAPACITOR – GOLD CAPACITOR
Suntan®
TS12
F E A T U R E S
Small-size, large capacity, excellent voltage
holding.
For all ratings, uniform 5 mm pitch of
terminal spacing.
Wider temperature range(-25~+70℃) thank
battery makes periodic change unnecessary.
‧ Ø
13.5x7.5 size can encase up to 0.33F.
‧ Ideal for backing up of CMOS's,
microcomputers, RAM's and the like used in
VCR's, tuners, TV sets, telephone sets and other.
SPECIFICA
T
IONS
Operating temperature
range (℃)
-25 to + 70
Capacitance tolerance (%)
-20 to + 80
Capacitance (F)
0.047
0.1
0.22
0.33
0.47
1.0
Internal resistance
Internal resistance (Ω)
120
75
75
73
30
30
Percentage of capacitance change
Within ±30% of the value at ℃
Stability at low & high
temperature
Internal resistance
Less than five times of the value ar 20 ℃
Test time
1000 hours
Percentage of capacitance change
Within ±30% of the initial measured value
Load life (70℃)
Internal resistance
Within four times the initial specified value
Shelf life (70℃)
Test time: 1000 hours : Dame as those for the load life.
Standard Ratings
Rated voltage (V)
Capacitance (F)
Ø
D x L (mm)
5.5
0.047
13.5 x 7.5
5.5
0.1
13.5 x 7.5
5.5
0.22
13.5 x 7.5
5.5
0.33
13.5 x 7.5
5.5
0.47
21.5 x 8
5.5
1
21.5 x 8
Coin Cell
Rated voltage (V)
Capacitance (F)
Ø
D x L (mm)
2.4
0.33
11 x 1.6
2.4
2.2
18.3 x 2
2.5
0.18
6.8 x 2.1
High-Temperature -20 + 85℃
Rated voltage (V)
Capacitance (F)
Ø
D x L (mm)
5.5
0.033
13.5 x 9.5
5.5
0.047
13.5 x 9.5
5.5
0.1
13.5 x 9.5
5.5
0.47
21.5 x 9.5
5.5
0.68
21.5 x 9.5
5.5
1
21.5 x 9.5
High Power
Rated voltage (V)
Capacitance (F)
Real ESR (mΩ)
Ø
D x L (mm)
2.5
0.047
300
8 x 22
2.5
0.047
100
12.5 x 23
2.5
0.047
80
12.5 x 31.5
2.5
0.047
60
18 x 35
2.5
0.047
60
18 x 40
2.5
0.047
30
25 x 40
2.5
0.047
300
35 x 50
Miniaturized
Rated voltage (V)
Capacitance (F)
Ø
D x L (mm)
11.5 x 13
11.5 x 5
5.5
0.047
11.5 x 12.4
11.5 x 13
11.5 x 5
5.5
0.1
11.5 x 12.4
11.5 x 13
11.5 x 5
5.5
0.22
11.5 x 12.4
11.5 x 13
11.5 x 5
5.5
0.33
11.5 x 12.4
5.5
1.0
19 x 20.5
Coin Cell High Voltage
Rated voltage (V)
Capacitance (F)
Ø
D x L (mm)
6.3
0.047
13.5 x 9.5
6.3
0.1
13.5 x 9.5
6.3
0.47
21.5 x 9.5
6.3
0.68
21.5 x 9.5
6.3
1
21.5 x 9.5
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS12 STMICROELECTRONICS-TS12 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
logo
CUI INC
TS12 CUI-TS12 Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
logo
SYC Electronica
TS12-3 SYC-TS12-3 Datasheet
352Kb / 1P
TACT SWITCH 12X12 H=7.3MM
logo
CUI INC
TS12-74-50-BK-250-SMT-TR CUI-TS12-74-50-BK-250-SMT-TR Datasheet
971Kb / 6P
TACTILE SWITCH
04/14/2022
More results

Similar Description - TS12

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS12 SUNTAN-TS12 Datasheet
169Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R Datasheet
293Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S Datasheet
566Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M Datasheet
233Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12S-V SUNTAN-TS12S-V Datasheet
367Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR - GOLD CAPACITOR
TS12 SUNTAN-TS12_17 Datasheet
177Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-M SUNTAN-TS12S-M_17 Datasheet
239Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-R SUNTAN-TS12S-R_17 Datasheet
297Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
TS12S-S SUNTAN-TS12S-S_17 Datasheet
616Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITOR ??GOLD CAPACITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com