| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RA0106A_15 Datasheet
# Example questions:
➢ What is the maximum average dc output current for the sda175j hf rectifier assembly when the case temperature is 100ºc?
➢ What is the operating temperature range within which this rectifier assembly can function?
➢ How does the peak inverse voltage vary across the sda175j, sda175k, sda175l, and sda175m part numbers?
# SDA175HF Series - Three Phase Bridge Rectifier Assembly
## General Information
️· Voltage: 600 – 900 Volts
️· Current: 3.0 Amps (Average Output)
️· Reverse Recovery Time: 30 ns Max
️· Configuration: Three Phase Bridge Rectifier
️· Encapsulation: Hermetically sealed, aluminum case with thermal conductive epoxy.
## Electrical Characteristics
| Part Number | Voltage (Volts) | Output Current @ 50°C (Amps) | Output Current @ 100°C (Amps) | Reverse Recovery Time (ns) | Peak Forward Surge Current (Amps) | Max. Forward Voltage @ 1.0 ADC (Volts) | Max. Reverse Current @ PIV (μA) |
|---|---|---|---|---|---|---|---|
| SDA175J | 600 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
| SDA175K | 700 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
| SDA175L | 800 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
| SDA175M | 900 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
# SDA175HF Series - Three Phase Bridge Rectifier Assembly
## General Information
️· Voltage: 600 – 900 Volts
️· Current: 3.0 Amps (Average Output)
️· Reverse Recovery Time: 30 ns Max
️· Configuration: Three Phase Bridge Rectifier
️· Encapsulation: Hermetically sealed, aluminum case with thermal conductive epoxy.
## Electrical Characteristics
| Part Number | Voltage (Volts) | Output Current @ 50°C (Amps) | Output Current @ 100°C (Amps) | Reverse Recovery Time (ns) | Peak Forward Surge Current (Amps) | Max. Forward Voltage @ 1.0 ADC (Volts) | Max. Reverse Current @ PIV (μA) |
|---|---|---|---|---|---|---|---|
| SDA175J | 600 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
| SDA175K | 700 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
| SDA175L | 800 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
| SDA175M | 900 | 3.0 | 2.4 | 30 | 25 | 1.9 | 10/250 |
| Part No. | RA0106A_15 |
| Manufacturer | SSDI |
| Size | 118 Kbytes |
| Pages | 2 pages |
| Description | Three Phase Bridge Rectifier Assembly |