Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA0106A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0106A
Description  Three Phase Bridge Rectifier Assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0106A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0106A_15 Datasheet HTML 1Page - Solid States Devices, Inc RA0106A_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0106A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA175 __
HF
__
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Reverse Recovery
HF = Hyper Fast
Family/Voltage
J = 600 V
K = 700 V
L = 800 V
M = 900 V
SDA175HF series
30 nsec
3.0 Amp
Three Phase Bridge
Rectifier Assembly
600 – 900 Volts
FEATURES:
Reverse Recovery Time: 30 ns Max
Average Output Current: 3.0 Amps
PIV: 600 to 900 Volts
Hermetically Sealed Internal Discretes
Aluminum Case
Thermal Conductive Epoxy Encapsulated
Available in Higher Voltages
Available in Ultra Fast, Fast, and Standard
Recovery
Electrical
Characteristics
Peak
Inverse
Voltage
(per leg)
Average DC
Output Current
TC=Case Temp
Reverse
Recovery
Time
Peak Forward
Surge Current
(1 Cycle)
Maximum Forward
Voltage
(per leg) @ 1.0 ADC
Maximum
Reverse Current
(per leg)
@ PIV
50ºC
100ºC
Max
25ºC
100ºC
Part Number
Volts
Amps
Amps
ns
Amps
Volts
μA
μA
SDA175J
HF
600
3.0
2.4
30
25
1.9
10
250
SDA175K
HF
700
3.0
2.4
30
25
1.9
10
250
SDA175L
HF
800
3.0
2.4
30
25
1.9
10
250
SDA175M
HF
900
3.0
2.4
30
25
1.9
10
250
NOTES:
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.


Similar Part No. - RA0106A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0106A SSDI-RA0106A Datasheet
118Kb / 2P
Rectifier Assembly
More results

Similar Description - RA0106A_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA113 SSDI-SDA113_1 Datasheet
159Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA116 SSDI-SDA116_1 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY ULTRA FAST
SDA173HF SSDI-SDA173HF Datasheet
82Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
Three Phase Bridge Rectifier Assembly
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0026F SSDI-RA0026F_15 Datasheet
142Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018_15 Datasheet
46Kb / 2P
THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com