Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDA006 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SDA006_15 Datasheet

  • # Example questions: ➢ What is the maximum reverse recovery time (trr) under the specified test conditions?
    ➢ What packaging type and quantity are available for the sda006?
    ➢ What is the typical forward voltage (vf) when the forward current (if) is 10ma, according to the datasheet?

  • Part No.SDA006_15
    ManufacturerDIODES
    Size156 Kbytes
    Pages4 pages
    DescriptionDATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
    Datasheet Summary with AI

    1. Device Overview & Purpose:

    ️· What it is: The SDA006 is a SOT-363 surface-mount semiconductor device.
    ️· Primary Applications: It's designed for two main applications:
    - Three-Phase Full-Wave Bridge Rectifier: This suggests it's a power semiconductor used to convert AC voltage to DC voltage.
    - Data Line Bus Transient Suppressor: This indicates it's used to protect data lines from voltage spikes and surges. It functions as a type of overvoltage protection device.

    2. Key Features & Characteristics:

    ️· Package: SOT-363 (small form factor, surface mount).
    ️· Electrical Characteristics: (These are crucial for engineers using the device - I'm highlighting a few important ones):
    - Reverse Breakdown Voltage: 75V – the maximum voltage the device can withstand in reverse.
    - Forward Voltage: Relatively low, indicating efficiency in conducting current forward.
    - Reverse Current: Very low, meaning it leaks very little current when blocking voltage.
    - Junction Capacitance: This is an important parameter for high-frequency applications.
    - Reverse Recovery Time: Measures how quickly the device switches from conducting to blocking.
    ️· Environmental:
    - "Lead-free" (compliant with environmental regulations)
    - Power Derating Curve (Figure 3) indicates how the device's power handling capacity decreases as the ambient temperature increases.

    3. Ordering Information:

    ️· Part Number: SDA006-7
    ️· Packaging: 3000 units per reel (Tape & Reel)

    4. Marking Information:

    ️· The device has a marking code that includes a product type indicator (JAC) and a date code indicating the manufacturing date (year and month).

    5. Important Notices:

    ️· Standard disclaimer about product modifications and liability.
    ️· Restriction on use in life support systems without specific approval.

    6. Figures/Diagrams (Summary of what they show):

    ️· Figure 1 (Power Derating Curve): Illustrates how the device's power handling capability is reduced at higher temperatures.
    ️· Figure 1 (Typical Forward Characteristics): Shows the relationship between forward voltage and current.
    ️· Figure 1 (Typical Reverse Characteristics): Illustrates how the reverse current changes with reverse voltage.
    ️· Figure 1 (Total Capacitance vs. Reverse Voltage): Shows how the capacitance varies with applied reverse voltage.
    ️· Suggested Pad Layout: Provides dimensions for PCB layout to ensure proper mounting and connections.



    In essence, the SDA006 is a versatile small-signal semiconductor designed for both power rectification and voltage protection, commonly used in electronic circuits.

    1. Device Overview & Purpose:

    ️· What it is: The SDA006 is a SOT-363 surface-mount semiconductor device.
    ️· Primary Applications: It's designed for two main applications:
    - Three-Phase Full-Wave Bridge Rectifier: This suggests it's a power semiconductor used to convert AC voltage to DC voltage.
    - Data Line Bus Transient Suppressor: This indicates it's used to protect data lines from voltage spikes and surges. It functions as a type of overvoltage protection device.

    2. Key Features & Characteristics:

    ️· Package: SOT-363 (small form factor, surface mount).
    ️· Electrical Characteristics: (These are crucial for engineers using the device - I'm highlighting a few important ones):
    - Reverse Breakdown Voltage: 75V – the maximum voltage the device can withstand in reverse.
    - Forward Voltage: Relatively low, indicating efficiency in conducting current forward.
    - Reverse Current: Very low, meaning it leaks very little current when blocking voltage.
    - Junction Capacitance: This is an important parameter for high-frequency applications.
    - Reverse Recovery Time: Measures how quickly the device switches from conducting to blocking.
    ️· Environmental:
    - "Lead-free" (compliant with environmental regulations)
    - Power Derating Curve (Figure 3) indicates how the device's power handling capacity decreases as the ambient temperature increases.

    3. Ordering Information:

    ️· Part Number: SDA006-7
    ️· Packaging: 3000 units per reel (Tape & Reel)

    4. Marking Information:

    ️· The device has a marking code that includes a product type indicator (JAC) and a date code indicating the manufacturing date (year and month).

    5. Important Notices:

    ️· Standard disclaimer about product modifications and liability.
    ️· Restriction on use in life support systems without specific approval.

    6. Figures/Diagrams (Summary of what they show):

    ️· Figure 1 (Power Derating Curve): Illustrates how the device's power handling capability is reduced at higher temperatures.
    ️· Figure 1 (Typical Forward Characteristics): Shows the relationship between forward voltage and current.
    ️· Figure 1 (Typical Reverse Characteristics): Illustrates how the reverse current changes with reverse voltage.
    ️· Figure 1 (Total Capacitance vs. Reverse Voltage): Shows how the capacitance varies with applied reverse voltage.
    ️· Suggested Pad Layout: Provides dimensions for PCB layout to ensure proper mounting and connections.



    In essence, the SDA006 is a versatile small-signal semiconductor designed for both power rectification and voltage protection, commonly used in electronic circuits.

    Part No.SDA006_15
    ManufacturerDIODES
    Size156 Kbytes
    Pages4 pages
    DescriptionDATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER