Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SDA006 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDA006
Description  DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDA006 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDA006_15 Datasheet HTML 1Page - Diodes Incorporated SDA006_15 Datasheet HTML 2Page - Diodes Incorporated SDA006_15 Datasheet HTML 3Page - Diodes Incorporated SDA006_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDA006
Document number: DS30559 Rev. 6 - 2
1 of 4
www.diodes.com
April 2008
© Diodes Incorporated
SDA006
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Features
Fast Switching Speed
Ultra-Small Surface Mount Package
For 3-Phase Full Wave Bridge Rectification, or 3 Dataline Rail
Clamp
Lead Free By Design/RoHS Compliant (Note 3)
"Green" Device (Note 4)
IEC Compatibility (Note 5)
61000-4-2 (ESD) Air-10kV Contact-8kV
61000-4-5 (Surge) 8x20
μs, 14.5 Amperes
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0 (Note 4)
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish
⎯ Matte Tin annealed over Alloy 42
Leadframe. Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
DC
V
+
CC
DC
V
+
CC
AC
DL
3
3
/
/
/
/
/
/
DL
AC
1
1
DL
AC
2
2
GND
DC-
SOT-363
Internal Schematic
TOP VIEW
TOP VIEW
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
215
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
μs
@ t = 1.0ms
@ t = 1.0s
IFSM
2.0
1.0
0.5
A
Clamping Voltage (Note 6) @ Ipp = 14.5A
8x20
μs Waveform
VC
16
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Power Dissipation (Note 2)
PD
300
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ , TSTG
-65 to +150
°C
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Tested with VCC connected to Ground to simulate appropriate VCC decoupling to Ground.
6. Reference to VCC or Ground.
Please click here to visit our online spice models database.


Similar Part No. - SDA006_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDA006-7 DIODES-SDA006-7 Datasheet
98Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 3 - 2
SDA006-7 DIODES-SDA006-7 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
SDA006 DIODES-SDA006_08 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
More results

Similar Description - SDA006_15

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MTH200 MICROSEMI-MTH200 Datasheet
105Kb / 2P
3 PHASE FULL WAVE BRIDGE RECTIFIER
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006 Datasheet
86Kb / 3P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 3 - 2
SDA006 DIODES-SDA006 Datasheet
98Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 3 - 2
DLPA006 DIODES-DLPA006_1 Datasheet
494Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR/THREE PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 4 - 2
logo
Pan Jit International I...
PJ3L85 PANJIT-PJ3L85 Datasheet
130Kb / 3P
DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
logo
Sensitron
SCP-5911 SENSITRON-SCP-5911 Datasheet
101Kb / 3P
3 Phase Full Wave Bridge Rectifier Module
logo
Diodes Incorporated
SDA006 DIODES-SDA006_08 Datasheet
156Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30559 Rev. 6 - 2
DLPA006 DIODES-DLPA006_08 Datasheet
143Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
DS30665 Rev. 8 - 2
logo
Pan Jit International I...
PJ3L85 PANJIT-PJ3L85_08 Datasheet
150Kb / 3P
DATA BUS TERMINATOR / 3-PHASE, FULL WAVE BRIDGE
logo
Diodes Incorporated
DLPA006 DIODES-DLPA006_15 Datasheet
143Kb / 4P
DATA BUS TRANSIENT SUPPRESSOR / 3-PHASE FULL WAVE BRIDGE RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com