| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE3832-36 Datasheet
# Example questions:
➢ How does the length tolerance of the cable assembly affect the stated 36-inch length?
➢ What is the plating material used on both the inner conductor and the shield layer?
➢ What is the maximum frequency this cable assembly is specified to operate at?
# PE3832-36 SMA Cable Assembly
## Specifications
️· Connectors: SMA Male to SMA Female
️· Cable Type: RG316
️· Length: 36 inches (914.4 mm)
️· Impedance: 50 Ohms
️· VSWR: 1.5:1
️· Frequency Range: DC - 3 GHz
️· Insertion Loss: (Typical) 0.53 dB @ 0.1 GHz, 0.68 dB @ 0.25 GHz, 0.915 dB @ 0.5 GHz, 1.34 dB @ 1 GHz, 1.94 dB @ 3 GHz
️· Diameter: 0.312 in (7.92 mm)
️· Weight: 0.048 lbs (21.77 g)
️· Jacket Diameter: 0.098 in (2.49 mm)
## Connector Details
️· Body/Coupling Nut Material/Plating: Brass, Nickel
️· Contact Material/Plating: Brass/Beryllium Copper, Gold
️· Contact Plating: 30µ in. Minimum
️· Mating Cycles: 100
️· Hex Size: 5/16 in
️· Torque: 5 in-lbs [0.57 Nm]
## Cable Details
️· Inner Conductor: Stranded, Copper Clad Steel, Silver Plated
️· Dielectric: PTFE
️· Shield: Silver Plated Copper Braid (1 layer)
️· Jacket: FEP, Tan
## Ordering Information
️· Part Number Format: PE3832 - xx uu
- xx = Length (in inches or centimeters)
- uu = Unit of Measure (cm = centimeters, blank = inches)
️· Example: PE3832-12 = 12 inch cable, PE3832-100cm = 100 cm cable
## Mechanical Specifications
️· Length Tolerance: 1.5% or ± 3/8", whichever is greater.
# PE3832-36 SMA Cable Assembly
## Specifications
️· Connectors: SMA Male to SMA Female
️· Cable Type: RG316
️· Length: 36 inches (914.4 mm)
️· Impedance: 50 Ohms
️· VSWR: 1.5:1
️· Frequency Range: DC - 3 GHz
️· Insertion Loss: (Typical) 0.53 dB @ 0.1 GHz, 0.68 dB @ 0.25 GHz, 0.915 dB @ 0.5 GHz, 1.34 dB @ 1 GHz, 1.94 dB @ 3 GHz
️· Diameter: 0.312 in (7.92 mm)
️· Weight: 0.048 lbs (21.77 g)
️· Jacket Diameter: 0.098 in (2.49 mm)
## Connector Details
️· Body/Coupling Nut Material/Plating: Brass, Nickel
️· Contact Material/Plating: Brass/Beryllium Copper, Gold
️· Contact Plating: 30µ in. Minimum
️· Mating Cycles: 100
️· Hex Size: 5/16 in
️· Torque: 5 in-lbs [0.57 Nm]
## Cable Details
️· Inner Conductor: Stranded, Copper Clad Steel, Silver Plated
️· Dielectric: PTFE
️· Shield: Silver Plated Copper Braid (1 layer)
️· Jacket: FEP, Tan
## Ordering Information
️· Part Number Format: PE3832 - xx uu
- xx = Length (in inches or centimeters)
- uu = Unit of Measure (cm = centimeters, blank = inches)
️· Example: PE3832-12 = 12 inch cable, PE3832-100cm = 100 cm cable
## Mechanical Specifications
️· Length Tolerance: 1.5% or ± 3/8", whichever is greater.
| Part No. | PE3832-36 |
| Manufacturer | PASTERNACK |
| Size | 346 Kbytes |
| Pages | 4 pages |
| Description | SMA Male to SMA Female Cable 36 Inch Length |