Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3832-36 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3832-36
Description  SMA Male to SMA Female Cable 36 Inch Length
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3832-36 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3832-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3832-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3832-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3832-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.5:1
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Typ.)
0.53
0.68
0.915
1.34
1.94
dB
.
Mechanical Specifications
Cable Assembly
Length*
36 in [914.4 mm]
Diameter
0.312 in [7.92 mm]
.
Weight
0.048 lbs [21.77 g]
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.098 in [2.49 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Cable 36 Inch Length Using RG316 Coax PE3832-36
PE3832-36 REV 1.1
SMA Male to SMA Female Cable 36 Inch
Length Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3832-36


Similar Part No. - PE3832-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3832-12 PASTERNACK-PE3832-12 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 12 Inch Length RF Cable
PE3832-18 PASTERNACK-PE3832-18 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 18 Inch Length
PE3832-24 PASTERNACK-PE3832-24 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 24 Inch Length
PE3832-48 PASTERNACK-PE3832-48 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 48 Inch Length
PE3832-6 PASTERNACK-PE3832-6 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 6 Inch Length RF Cable
More results

Similar Description - PE3832-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3353LF-36 PASTERNACK-PE3353LF-36 Datasheet
371Kb / 4P
SMA Male to SMA Male Cable 36 Inch
PE3443-36 PASTERNACK-PE3443-36 Datasheet
396Kb / 4P
SMA Male to SMA Female Cable 36 Inch
PE3825-36 PASTERNACK-PE3825-36 Datasheet
368Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length RF Cable
PE3825LF-36 PASTERNACK-PE3825LF-36 Datasheet
373Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length RF Cable
PE3835-36 PASTERNACK-PE3835-36 Datasheet
656Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PE3835LF-36 PASTERNACK-PE3835LF-36 Datasheet
662Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PE3836-36 PASTERNACK-PE3836-36 Datasheet
659Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length
PE3836LF-36 PASTERNACK-PE3836LF-36 Datasheet
666Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length
PE3931-36 PASTERNACK-PE3931-36 Datasheet
425Kb / 3P
SMA Female to SMA Female Cable 36 Inch Length
PE3956-36 PASTERNACK-PE3956-36 Datasheet
375Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com