Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI60DC100 Datasheet (PDF) - Teledyne Technologies Incorporated

SI60DC100 Datasheet PDF - Teledyne Technologies Incorporated
Part # SI60DC100
Download  SI60DC100 Download
File Size   279.87 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Output to 100A, 1700 Vdc

SI60DC100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI60DC100 Datasheet PDF - Teledyne Technologies Incorporated

Part # SI60DC100
Download  SI60DC100 Click to download

File Size   279.87 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Output to 100A, 1700 Vdc

SI60DC100 Datasheet (HTML) - Teledyne Technologies Incorporated




Similar Part No. - SI60DC100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6404DQ VISHAY-SI6404DQ Datasheet
40Kb / 4P
N-Channel 30-V (D-S) MOSFET
16-Apr-01
SI6405DQ VISHAY-SI6405DQ Datasheet
232Kb / 3P
P-Channel 12-V (D-S) MOSFET
21-May-04
logo
Fairchild Semiconductor
SI6410DQ FAIRCHILD-SI6410DQ Datasheet
162Kb / 5P
30V N-Channel PowerTrench MOSFET
logo
Vishay Siliconix
SI6410DQ VISHAY-SI6410DQ Datasheet
194Kb / 10P
N-Channel 30-V (D-S) MOSFET
31-Mar-08
SI6410DQ-T1-GE3 VISHAY-SI6410DQ-T1-GE3 Datasheet
194Kb / 10P
N-Channel 30-V (D-S) MOSFET
31-Mar-08
More results


Similar Description - SI60DC100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFCN-1700 ETC-LFCN-1700 Datasheet
140Kb / 1P
DC to 1700 MHz
logo
Powerbox
C3600 POWERBOX-C3600 Datasheet
381Kb / 1P
1700 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
NH020 LINEAGEPOWER-NH020 Datasheet
1Mb / 17P
Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
logo
List of Unclassifed Man...
S20DC100 ETC2-S20DC100 Datasheet
972Kb / 4P
Output to 100A, 200 Vdc DC Solid-State Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com