Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N3879R Datasheet (PDF) - International Rectifier

1N3879R Datasheet PDF - International Rectifier
Part # 1N3879R
Download  1N3879R Download
File Size   315.41 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A, 12A AND 16A FAST RECOVERY RECTIFIERS

1N3879R Datasheet (PDF)

Go To PDF Page Download Datasheet
1N3879R Datasheet PDF - International Rectifier

Part # 1N3879R
Download  1N3879R Click to download

File Size   315.41 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A, 12A AND 16A FAST RECOVERY RECTIFIERS

1N3879R Datasheet (HTML) - International Rectifier


1N3879R Product details

FEATURES
■ Short reverse recovery time
■ Low stored charge
■ Wide current range
■ Excellent surge capabilities
■ Standard JEDEC types
■ Stud cathode and stud anode versions
■ Fully characterized reverse recovery conditions




Similar Part No. - 1N3879R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3879R IRF-1N3879R Datasheet
2Mb / 10P
FAST RECOVERY DIODES
logo
America Semiconductor, ...
1N3879R AMERICASEMI-1N3879R Datasheet
424Kb / 2P
High Power- Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
1N3879R NJSEMI-1N3879R Datasheet
49Kb / 1P
GENERAL PURPOSE INDUSTRIAL
logo
GeneSiC Semiconductor, ...
1N3879R GENESIC-1N3879R Datasheet
736Kb / 3P
Silicon Fast Recovery Diode
More results


Similar Description - 1N3879R

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D6L20U SHINDENGEN-D6L20U Datasheet
460Kb / 7P
Super Fast Recovery Rectifiers(200V 6A)
S16L60 SHINDENGEN-S16L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 16A)
SF6L20U SHINDENGEN-SF6L20U Datasheet
377Kb / 6P
Super Fast Recovery Rectifiers(200V 6A)
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
16A Super Fast Recovery Rectifiers
logo
Naina Semiconductor ltd...
12-NSFR NAINA-12-NSFR Datasheet
149Kb / 2P
Fast Recovery Diodes, 12A
16-NSFR NAINA-16-NSFR Datasheet
149Kb / 2P
Fast Recovery Diodes, 16A
logo
Frontier Electronics.
FR1205CT FRONTIER-FR1205CT Datasheet
438Kb / 2P
12A FAST RECOVERY RECTIFIERS
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
16A FAST RECOVERY RECTIFIERS
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF_17 Datasheet
149Kb / 2P
Fast Recovery Diodes, 12A
16NSF NAINA-16NSF_17 Datasheet
149Kb / 2P
Fast Recovery Diodes, 16A
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com