Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE3049 Datasheet (PDF) - NTE Electronics

NTE3049 Datasheet PDF - NTE Electronics
Part # NTE3049
Download  NTE3049 Download
File Size   21.87 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Optoisolator Zero Crossing TRIAC Driver

NTE3049 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE3049 Datasheet PDF - NTE Electronics

Part # NTE3049
Download  NTE3049 Click to download

File Size   21.87 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Optoisolator Zero Crossing TRIAC Driver

NTE3049 Datasheet (HTML) - NTE Electronics


NTE3049 Product details

Description:

The NTE3097 is an optoisolator in a 6–Lead DIP type package and contains a gallium arsenide IRED

optically coupled to a monolithic silicon detector performing the function of a Zero Voltage Crossing

bilateral TRIAC Driver. This device is designed for use with a TRIAC in the interface of logic systems

to equipment powered from 240VAC lines such as solid–state relays, industrial controls, motors, sole

noids, and consumer appliances, etc.



Features:

Simplifies Logic Control of 240VAC Power

Zero Voltage Crossing

High Breakdown Voltage: VDRM= 400V Min

High Isolation Voltage: VISO= 7500V Guaranteed

Small, Economical 6–Lead DIP Package

dv/dt of 2000V/µs Typ., 1000V/µs Guaranteed




Similar Part No. - NTE3049

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3040 NTE-NTE3040 Datasheet
20Kb / 2P
Optoisolator NPN Transistor Output
NTE3041 NTE-NTE3041 Datasheet
24Kb / 3P
Optoisolator NPN Transistor Output
NTE3042 NTE-NTE3042 Datasheet
21Kb / 2P
Optoisolator NPN Transistor Output
NTE3043 NTE-NTE3043 Datasheet
23Kb / 3P
Optoisolator NPN Transistor Output
NTE3044 NTE-NTE3044 Datasheet
29Kb / 3P
Optoisolator NPN Darlington Transistor Output
More results


Similar Description - NTE3049

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3097 NTE-NTE3097 Datasheet
22Kb / 2P
Optoisolator Zero Crossing TRIAC Driver
logo
Siemens Semiconductor G...
IL4116 SIEMENS-IL4116 Datasheet
84Kb / 3P
ZERO VOLTAGE CROSSING TRIAC DRIVER OPTOCOUPLER
logo
COSMO Electronics Corp...
KMOC3063 COSMO-KMOC3063 Datasheet
384Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT
KMOC3062 COSMO-KMOC3062 Datasheet
390Kb / 2P
ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUTl
KMOC3083 COSMO-KMOC3083 Datasheet
384Kb / 2P
Zero Crossing Optoisolators Triac Driver Output
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3063 COSMO-KMOC3063_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com