Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SI3861BD Datasheet (PDF) - Vishay Siliconix

SI3861BD Datasheet PDF - Vishay Siliconix
Part # SI3861BD
Download  SI3861BD Download
File Size   117.48 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Load Switch with Level-Shift

SI3861BD Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3861BD Datasheet PDF - Vishay Siliconix

Part # SI3861BD
Download  SI3861BD Click to download

File Size   117.48 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Load Switch with Level-Shift

SI3861BD Datasheet (HTML) - Vishay Siliconix


SI3861BD Product details

• Halogen-free According to IEC 61249-2-21
Definition
• 4.5 V Rated
• ESD Protected: 3000 V
• 105 mΩ Low RDS(on) TrenchFET®
• 4.5 V to 20 V Input
• 1.5 V to 8 V Logic Level Control
• Low Profile, Small Footprint TSOP-6 Package
• 3000 V ESD Protection On Input Switch, VON/OFF
• Adjustable Slew-Rate
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SI3861BD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3861BDV VISHAY-SI3861BDV Datasheet
118Kb / 6P
Load Switch with Level-Shift
23-May-05
SI3861BDV VISHAY-SI3861BDV Datasheet
115Kb / 6P
Load Switch with Level-Shift
12-Oct-09
SI3861BDV VISHAY-SI3861BDV_V01 Datasheet
115Kb / 6P
Load Switch with Level-Shift
12-Oct-09
More results


Similar Description - SI3861BD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
Load Switch with Level-Shift
04-Mar-02
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
Load Switch with Level-Shift
08-Nov-10
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
Load Switch with Level-Shift
05-Apr-10
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
Load Switch with Level-Shift
08-Sep-14
logo
TECH PUBLIC Electronics...
TPNTJD1155LT1G TECHPUBLIC-TPNTJD1155LT1G_V01 Datasheet
3Mb / 5P
Load Switch with Level-Shift
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
Load Switch with Level-Shift
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com