Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE483 Datasheet (PDF) - NTE Electronics

NTE483 Datasheet PDF - NTE Electronics
Part # NTE483
Download  NTE483 Download
File Size   22.48 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output for Mobile Use, PO = 18W @ 866MHz

NTE483 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE483 Datasheet PDF - NTE Electronics

Part # NTE483
Download  NTE483 Click to download

File Size   22.48 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN Transistor RF Power Output for Mobile Use, PO = 18W @ 866MHz

NTE483 Datasheet (HTML) - NTE Electronics


NTE483 Product details

Description:

The NTE483 is a 12.5 Volt epitaxial silicon NPN planer transistor designed for primarily for 800MHz mobile communications. This device utilizes matched input technology (Tuned Q) to increase bandwidth and power gain over the complete range of 806–866MHz.



Features:

• Designed for 806–866MHz Mobile Equipment

• 18W Min., with Greater than 6dB Gain at 836MHz

• Withstands 10:1 VSWR at Rated Operating Conditions

• Matched Input Technology

• Common Base



 




Similar Part No. - NTE483

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE48 NTE-NTE48 Datasheet
21Kb / 2P
Silicon NPN Transistor Darlington, General Purpose Amplifier, High Current
NTE480 NTE-NTE480 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Broadband Amp, PO = 40W @ 512MHz
NTE4828 NTE-NTE4828 Datasheet
21Kb / 2P
Surge Clamping, Transient Overvoltage Suppressor Unidirectional
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
NTE486 NTE-NTE486 Datasheet
23Kb / 2P
Silicon NPN Transistor RF High Frequency Amplifier
More results


Similar Description - NTE483

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16003 NTE-NTE16003 Datasheet
22Kb / 4P
Silicon NPN Transistor RF Power Output, PO = 7W, 175MHz
NTE342 NTE-NTE342 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 6W, 175MHz)
NTE343 NTE-NTE343 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output (PO = 14W, 175MHz)
NTE353 NTE-NTE353 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 4W @ 175MHz
NTE354 NTE-NTE354 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 15W @ 175MHz
NTE355 NTE-NTE355 Datasheet
20Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
NTE366 NTE-NTE366 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz
NTE484 NTE-NTE484 Datasheet
22Kb / 2P
Silicon NPN Transistor RF Power Output for Mobile Use, PO = 25W @ 947MHz
NTE344 NTE-NTE344 Datasheet
71Kb / 2P
Silicon NPN Transistor RF Power Output PO = 30W @ 175MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com