Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HFA3102BZ96 Datasheet (PDF) - Renesas Technology Corp

HFA3102BZ96 Datasheet PDF - Renesas Technology Corp
Part # HFA3102BZ96
Download  HFA3102BZ96 Download
File Size   391.52 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Long-Tailed Pair Transistor Array

HFA3102BZ96 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3102BZ96 Datasheet PDF - Renesas Technology Corp

Part # HFA3102BZ96
Download  HFA3102BZ96 Click to download

File Size   391.52 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Long-Tailed Pair Transistor Array

HFA3102BZ96 Datasheet (HTML) - Renesas Technology Corp


HFA3102BZ96 Product details

The HFA3102 is an all NPN transistor array configured as dual differential amplifiers with tail transistors. Based on Intersil bonded wafer UHF-1 SOI process, this array achieves very high fT (10GHz) while maintaining excellent hFE and VBE matching characteristics over temperature. Collector leakage currents are maintained to under 0.01nA.

Features
• High Gain-Bandwidth Product (fT) . . . . . . . . . . . . . 10GHz
• High Power Gain-Bandwidth Product. . . . . . . . . . . . 5GHz
• High Current Gain (hFE) . . . . . . . . . . . . . . . . . . . . . . . 70
• Noise Figure (Transistor) . . . . . . . . . . . . . . . . . . . . . 3.5dB
• Low Collector Leakage Current . . . . . . . . . . . . . . <0.01nA
• Excellent hFE and VBE Matching
• Pin-to-Pin to UPA102G
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Single Balanced Mixers
• Wide Band Amplification Stages
• Differential Amplifiers
• Multipliers
• Automatic Gain Control Circuits
• Frequency Doublers, Tripplers
• Oscillators
• Constant Current Sources
• Wireless Communication Systems
• Radio and Satellite Communications
• Fiber Optic Signal Processing
• High Performance Instrumentation




Similar Part No. - HFA3102BZ96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3102BZ96 INTERSIL-HFA3102BZ96 Datasheet
208Kb / 8P
Dual Long-Tailed Pair Transistor Array
July 14, 2005
More results


Similar Description - HFA3102BZ96

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1741 SANYO-LB1741 Datasheet
82Kb / 4P
Octal NPN Darlington-pair Transistor Array
logo
Intersil Corporation
HFA3102 INTERSIL-HFA3102 Datasheet
54Kb / 6P
Dual Long-Tailed Pair Transistor Array
August 1996
HFA3102 INTERSIL-HFA3102_05 Datasheet
208Kb / 8P
Dual Long-Tailed Pair Transistor Array
July 14, 2005
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
logo
New Jersey Semi-Conduct...
MD6001 NJSEMI-MD6001 Datasheet
99Kb / 2P
Silicon annular complementary-pair dual transistor
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com