Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK4300U Datasheet (PDF) - M.S. Kennedy Corporation

MSK4300U Datasheet PDF - M.S. Kennedy Corporation
Part # MSK4300U
Download  MSK4300U Download
File Size   268.04 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE

MSK4300U Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK4300U Datasheet PDF - M.S. Kennedy Corporation

Part # MSK4300U
Download  MSK4300U Click to download

File Size   268.04 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description 10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE

MSK4300U Datasheet (HTML) - M.S. Kennedy Corporation


MSK4300U Product details

DESCRIPTION:
The MSK 4300 is a 3 phase MOSFET bridge plus drivers in a convenient isolated hermetic package. The hybrid is capable of 10 amps of output current and 75 volts of DC bus voltage. It has a full line of protection features, including undervoltage lockout protection of the bias voltage, cross conduction control and a user programmable dead-time control for shoot-through elimination. In addition, the bridge may be shut down by using the EN (enable) control. The MSK 4300 provides good thermal conductivity for the MOSFETs due to the electrically isolated package design that allows direct heat sinking of the device without insulators.

FEATURES:
• 75 Volt Motor Supply Voltage
• 10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
• 100% Duty Cycle High Side Conduction Capable
• Suitable for PWM Applications from DC to 100KHz
• Shoot-Through/Cross Conduction Protection
• Undervoltage Lockout Protection
• Programmable Dead-Time Control
• Low Active Enable for Bridge Shutdown Control
• Isolated Package Design for High Voltage Isolation Plus Good Thermal Transfer
• Available with Three Lead Bend Options

TYPICAL APPLICATIONS
• 3 Phase Brushless DC Servo Control Fin Actuator Control Gimbal Control
• 3 Phase AC Induction Motor Control HVAC Blower Control




Similar Part No. - MSK4300U

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4300 ANAREN-MSK4300 Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300HD ANAREN-MSK4300HD Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300HS ANAREN-MSK4300HS Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300HU ANAREN-MSK4300HU Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
M.S. Kennedy Corporatio...
MSK4300 MSK-MSK4300_15 Datasheet
131Kb / 5P
10 Amp Output Switch Capability, All N-Channel MOSFET Output Bridge
More results


Similar Description - MSK4300U

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4400S MSK-MSK4400S Datasheet
275Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 MSK-MSK4301 Datasheet
311Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
MSK4227S MSK-MSK4227S Datasheet
214Kb / 4P
200 VOLT 20 AMP MOSFET H-BRIDGE WITH GATE DRIVE GATE DRIVE
MSK4401S MSK-MSK4401S Datasheet
244Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 MSK-MSK4301_15 Datasheet
760Kb / 6P
PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
logo
Anaren Microwave
MSK4401 ANAREN-MSK4401 Datasheet
133Kb / 5P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4301 ANAREN-MSK4301 Datasheet
760Kb / 6P
29 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4300 ANAREN-MSK4300 Datasheet
131Kb / 5P
10 AMP, 75V, 3 PHASE MOSFET BRIDGE WITH INTELLIGENT INTEGRATED GATE DRIVE
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com