Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT91315CL Datasheet (PDF) - List of Unclassifed Manufacturers

NT91315CL Datasheet PDF - List of Unclassifed Manufacturers
Part # NT91315CL
Download  NT91315CL Download
File Size   994.7 Kbytes
Page   22 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Microcontroller for Monitor

NT91315CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NT91315CL Datasheet PDF - List of Unclassifed Manufacturers

Part # NT91315CL
Download  NT91315CL Click to download

File Size   994.7 Kbytes
Page   22 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Microcontroller for Monitor

NT91315CL Datasheet (HTML) - List of Unclassifed Manufacturers


NT91315CL Product details

[Novatek]

General Description
The NT91315XL series are single-chip silicon gate CMOS integrated circuits with on-chip oscillators to be used with a 3.58 MHz crystal or ceramic resonator. They provide dialing pulse (DP) or dual tone multi-frequency (DTMF) dialing. A 24-key (5x5-1) matrix keyboard is used for either DP or DTMF mode. In on-chip RAM, up to 32 digits can be saved for both redial and save functions, and up to 16 digits can be saved for 3 direct emergency and 10 indirect dialing memory banks. In DTMF mode, a small minimum tone duration and minimum inter-tone pause allows for rapid dialing. Maximum tone duration depends on the key depression time in manual dialing.

Features
■ Tone/Pulse switchable
■ 32-digit redial memory
■ 32-digit save memory (DL version)
■ 3 emergency memory banks (16 digits each)
■ 10 indirect memory banks (16 digits each)
■ Flash, Pause, P®T can be saved as a digit in memory
■ Chain dialing allowed
■ None or (0) or (0, 9) or (0, 168) or all digits dialing inhibition (diode option) for PABX system or long distance dialing lock out
■ Pause time 2.2/3.6 sec selectable (diode option)
■ 3 pulse dialing number systems N/N+1/10-N (diode option)
■ Dialing rate 10pps, M/B ratio 2/3 & 1/2 selectable/dialing rate 10pps & 20pps selectable, M/B ratio 1/2 (diode option)
■ Hands-Free control function with debouncing (BL, CL & DL version)
■ Hold function with debouncing (CL & DL version)
■ Key-tone output for dialing access (DL version)
■ One-key redial (DL version)
■ Flash time 600ms, 300ms, 100ms (DL version)
■ Power-up reset circuit provided
■ Key release debouncing
■ 32-step synthetic tone output for low DTMF output harmonic distortion
■ 16/18/20/22-pin packages




Similar Part No. - NT91315CL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
Tone/Pulse Dialer
NT91214A ETC1-NT91214A Datasheet
212Kb / 23P
Tone/Pulse Dialer
NT91214B ETC1-NT91214B Datasheet
212Kb / 23P
Tone/Pulse Dialer
NT91214C ETC1-NT91214C Datasheet
212Kb / 23P
Tone/Pulse Dialer
NT91214D ETC1-NT91214D Datasheet
212Kb / 23P
Tone/Pulse Dialer
More results


Similar Description - NT91315CL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
Winbond
W78C354 WINBOND-W78C354 Datasheet
426Kb / 44P
MONITOR MICROCONTROLLER
W78E354 WINBOND-W78E354 Datasheet
430Kb / 45P
MONITOR MICROCONTROLLER
W78E378 WINBOND-W78E378 Datasheet
396Kb / 38P
MONITOR MICROCONTROLLER
logo
List of Unclassifed Man...
NT6861 ETC-NT6861 Datasheet
455Kb / 44P
8-Bit Microcontroller for Monitor
NT6862 ETC-NT6862 Datasheet
580Kb / 57P
8-Bit Microcontroller for Monitor
NT68P61A ETC-NT68P61A Datasheet
1Mb / 48P
8-Bit Microcontroller for Monitor (24K OTP ROM Type)
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
microcontroller for digital controlled monitor
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
8-Bit Microcontroller for Monitor (32K OTP ROM Type)
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com