Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G930T83T Datasheet (PDF) - Global Mixed-mode Technology Inc

G930T83T Datasheet PDF - Global Mixed-mode Technology Inc
Part # G930T83T
Download  G930T83T Download
File Size   196.73 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.5V 400mA Low Dropout Regulator

G930T83T Datasheet (PDF)

Go To PDF Page Download Datasheet
G930T83T Datasheet PDF - Global Mixed-mode Technology Inc

Part # G930T83T
Download  G930T83T Click to download

File Size   196.73 Kbytes
Page   8 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description 3.5V 400mA Low Dropout Regulator

G930T83T Datasheet (HTML) - Global Mixed-mode Technology Inc


G930T83T Product details

General Description

The G930/G931 positive 3.5V voltage regulator features the ability to source 400mA of output current with a dropout voltage of typically 0.8V over the entire operating temperature range. A low quiescent current is provided over the entire output current range. The typical quiescent current is 0.6mA. Furthermore, the quiescent current is smaller when the regulator is in the dropout mode (VIN < 3.5V).



Features

■ Dropout voltage typically 0.8V @ IO = 400mA

■ Output current in excess of 400mA

■ Output voltage accuracy +3%/-2%

■ Quiescent current, typically 600µA

■ Internal short circuit current limit

■ Internal over temperature protection



 




Similar Part No. - G930T83T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G930T21U GMT-G930T21U Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
G930T21UF GMT-G930T21UF Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
More results


Similar Description - G930T83T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
3.5V 400mA Low Dropout Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
DMOS 400mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com