Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS-20ETF06SLHM3 Datasheet (PDF) - Vishay Siliconix

VS-20ETF06SLHM3 Datasheet PDF - Vishay Siliconix
Part # VS-20ETF06SLHM3
Download  VS-20ETF06SLHM3 Download
File Size   356.39 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Fast Soft Recovery Rectifier Diode, 20 A

VS-20ETF06SLHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-20ETF06SLHM3 Datasheet PDF - Vishay Siliconix

Part # VS-20ETF06SLHM3
Download  VS-20ETF06SLHM3 Click to download

File Size   356.39 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Fast Soft Recovery Rectifier Diode, 20 A

VS-20ETF06SLHM3 Datasheet (HTML) - Vishay Siliconix


VS-20ETF06SLHM3 Product details

• Glass passivated pellet chip junction
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Meets JESD 201 class 1A whisker test
• Flexible solution for reliable AC power
rectification
• High surge, low VF rugged blocking diode for DC charging
stations




Similar Part No. - VS-20ETF06SLHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20ETF06SLHM3 VISHAY-VS-20ETF06SLHM3 Datasheet
345Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
22-Feb-18
VS-20ETF06SLHM3 VISHAY-VS-20ETF06SLHM3_V01 Datasheet
345Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
22-Feb-18
More results


Similar Description - VS-20ETF06SLHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETF02SPBF VISHAY-20ETF02SPBF Datasheet
348Kb / 8P
Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
17-Aug-11
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETF02S-M3 VISHAY-VS-20ETF02S-M3 Datasheet
358Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETF08S-M3 VISHAY-VS-20ETF08S-M3 Datasheet
243Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETFSPBF VISHAY-VS-20ETFSPBF Datasheet
244Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETF02S-M3 VISHAY-VS-20ETF02S-M3_V01 Datasheet
362Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
16-Dec-2021
VS-20ETF06SLHM3 VISHAY-VS-20ETF06SLHM3_V01 Datasheet
345Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
22-Feb-18
VS-20ETF08S-M3 VISHAY-VS-20ETF08S-M3_V01 Datasheet
230Kb / 7P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
17-Nov-2021
VS-20ETF12SLHM3 VISHAY-VS-20ETF12SLHM3_V01 Datasheet
212Kb / 7P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
25-Sep-2019
VS-20ETFSPBF VISHAY-VS-20ETFSPBF_V01 Datasheet
320Kb / 8P
Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com