Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2300096 Datasheet (PDF) - PHOENIX CONTACT

2300096 Datasheet PDF - PHOENIX CONTACT
Part # 2300096
Download  2300096 Download
File Size   102.92 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power optocoupler, with protection circuits in 24 V DC input and output circuits. Direct current voltage output max. 3 A

2300096 Datasheet (PDF)

Go To PDF Page Download Datasheet
2300096 Datasheet PDF - PHOENIX CONTACT

Part # 2300096
Download  2300096 Click to download

File Size   102.92 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Power optocoupler, with protection circuits in 24 V DC input and output circuits. Direct current voltage output max. 3 A

2300096 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2300096

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
23000900 TOSHIBA-23000900 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
23000900 TOSHIBA-23000900 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
23000903 TOSHIBA-23000903 Datasheet
6Mb / 45P
Projection Television
2005
23000904 TOSHIBA-23000904 Datasheet
4Mb / 70P
Color Television
2005
23000936 TOSHIBA-23000936 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
More results


Similar Description - 2300096

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ST-OV3-220DC PHOENIX-ST-OV3-220DC Datasheet
91Kb / 5P
Pluggable power optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: 24-280 V AC/max. 3 A, can be plugged on basic termination blocks
EMG17-OV-5DC PHOENIX-EMG17-OV-5DC Datasheet
80Kb / 4P
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: short-circuit-proof, 10 - 30 V DC/max. 2 A
EMG17-OV-TTL PHOENIX-EMG17-OV-TTL Datasheet
112Kb / 5P
Power optocoupler, with light indicator and protection circuits in the input and output circuits, input: TTL 5 V DC, output: short-circuit resistant, 24 V DC/max. 2 A
EMG12-OV-220DC PHOENIX-EMG12-OV-220DC Datasheet
70Kb / 4P
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 24 -280 V AC/max. 1 A
EMG12-OV-230AC PHOENIX-EMG12-OV-230AC Datasheet
75Kb / 4P
Power solid-state relay, with LED and protective circuit in input and output circuits, input: 230 V AC, output: 24 - 280 V AC/max. 1 A
EMG17-OE-12DC PHOENIX-EMG17-OE-12DC Datasheet
83Kb / 4P
Input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 12 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA
ST-OE2-230AC PHOENIX-ST-OE2-230AC Datasheet
92Kb / 4P
Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: 8 - 48 V DC/ max. 100 mA, can be plugged on basic termination blocks
ST-OE3-220DC PHOENIX-ST-OE3-220DC Datasheet
84Kb / 5P
Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks
ST-OE3-230AC PHOENIX-ST-OE3-230AC Datasheet
83Kb / 5P
Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks
2271154 PHOENIX-2271154 Datasheet
122Kb / 4P
Input optocoupler, with protection circuits in input and output circuits, input: 24 V DC, output: TTL logic level, max. 100 mA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com