Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE788 Datasheet (PDF) - NTE Electronics

NTE788 Datasheet PDF - NTE Electronics
Part # NTE788
Download  NTE788 Download
File Size   23.63 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit IF System for FM Receiver

NTE788 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE788 Datasheet PDF - NTE Electronics

Part # NTE788
Download  NTE788 Click to download

File Size   23.63 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit IF System for FM Receiver

NTE788 Datasheet (HTML) - NTE Electronics


NTE788 Product details

Description:

The NTE788 is a monolithic integrated circuit in a 16–Lead DIP type package that provides all the functions of a comprehensive FM–IF system. This device features a three–stage FM–IF amplifier/limiter configuration with level detectors for each stage, a doubly–balanced quadrature FM detector, and an audio amplifier that features the optional use of a muting (squelch) circuit.

The advanced circuit design of the IF system includes desirable deluxe features such as delayed AGC for the RF tuner, an AFC drive circuit, and an output signal to drive a tuning meter and/or provide stereo switching logic. In addition, internal power supply regulators maintain a nearly constant current drain over the voltage supply range of +8.5V to +16V.



Features:

• Exceptional limiting sensitivity: 12µV typ. at –3dB point

• Low distortion: 0.1% typ. (with double–tuned coil)

• Single–coil tuning capability

• Improved S + N/N Radio

• Externally programmable recovered audio level

• Provides specific signal for control of interchannel muting (squelch)

• On channel step for search control

• Provides programmable AGC voltage for RF amplifier

• Internal supply–voltage regulators

• Externally programmable “ON” channel step width, and deviation at which muting occurs



 




Similar Part No. - NTE788

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE78 NTE-NTE78 Datasheet
21Kb / 2P
Silicon NPN Transistor RF Power Output
NTE783 NTE-NTE783 Datasheet
21Kb / 2P
Integrated Circuit Automatic Fine-Tuning Detector
NTE784 NTE-NTE784 Datasheet
26Kb / 3P
Integrated Circuit Wide-Band Power Amplifier
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
Integrated Circuit AM Receiver Subsystem
NTE789 NTE-NTE789 Datasheet
32Kb / 3P
Integrated Circuit Stereo Multiplex Decoder
More results


Similar Description - NTE788

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3089 NSC-LM3089 Datasheet
166Kb / 6P
LM3089 FM Receiver IF System
logo
NTE Electronics
NTE1557 NTE-NTE1557 Datasheet
21Kb / 3P
Integrated Circuit FM/AM IF System
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
Integrated Circuit FM IF System for Car Radio
NTE1842 NTE-NTE1842 Datasheet
26Kb / 3P
Integrated Circuit FM/AM IF System
NTE7016 NTE-NTE7016 Datasheet
24Kb / 3P
Integrated Circuit FM IF System
NTE853 NTE-NTE853 Datasheet
23Kb / 2P
Integrated Circuit Low Power, Narrow Band, FM IF System
logo
KEC(Korea Electronics)
KIA6003S KEC-KIA6003S Datasheet
99Kb / 4P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM IF SYSTEM IC)
KIA6029Z KEC-KIA6029Z Datasheet
314Kb / 14P
BIPOLAR LINEAR INTEGRATED CIRCUIT (FM IF SYSTEM IC FOR CAR ETR)
KIA6040P KEC-KIA6040P Datasheet
127Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF SYSTEM IC)
logo
NTE Electronics
NTE805 NTE-NTE805 Datasheet
82Kb / 2P
Integrated Circuit IF Gain Block for FM Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com