Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SMA4728A Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

1SMA4728A Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.
Part # 1SMA4728A
Download  1SMA4728A Download
File Size   390.29 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Silicon Planar Zener Diodes

1SMA4728A Datasheet (PDF)

Go To PDF Page Download Datasheet
1SMA4728A Datasheet PDF - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 1SMA4728A
Download  1SMA4728A Click to download

File Size   390.29 Kbytes
Page   3 Pages
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.
Description Silicon Planar Zener Diodes

1SMA4728A Datasheet (HTML) - Guangdong Juxing Electronics Technology Co., Ltd.


1SMA4728A Product details

FEATURES
• Total power dissipation: Max. 1 W.
• Wide zener reverse voltage range 3.3V to 330V.
• Small plastic package suitable for surface mounted design.




Similar Part No. - 1SMA4728A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1SMA4728A EIC-1SMA4728A Datasheet
35Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
SynSemi, Inc.
1SMA4728A SYNSEMI-1SMA4728A Datasheet
37Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
EIC discrete Semiconduc...
1SMA4728A EIC-1SMA4728A Datasheet
66Kb / 2P
SURFACE MOUNT ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMA4728A TAYCHIPST-1SMA4728A Datasheet
1Mb / 2P
ZENER DIODES
logo
Shenzhen Luguang Electr...
1SMA4728A LUGUANG-1SMA4728A Datasheet
122Kb / 2P
Surface Mount Zener Diodes
More results


Similar Description - 1SMA4728A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com