Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTE969 Datasheet (PDF) - NTE Electronics

NTE969 Datasheet PDF - NTE Electronics
Part # NTE969
Download  NTE969 Download
File Size   23.73 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Linear Integrated Circuit Voltage Regulator, Negative, -15V, 1A

NTE969 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE969 Datasheet PDF - NTE Electronics

Part # NTE969
Download  NTE969 Click to download

File Size   23.73 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Linear Integrated Circuit Voltage Regulator, Negative, -15V, 1A

NTE969 Datasheet (HTML) - NTE Electronics


NTE969 Product details

Description:
The NTE969 voltage regulator employs current limiting, thermal shutdown, and safe–area compensation which makes it remarkably rugged under most operating conditions. With adequate heat–sinking they can deliver output currents in excess of 1.0 amperes.

Features:
● No External Components Required
● Internal Thermal Overload Protection
● Internal Short–Circuit Current Limiting
● Output Transistor Safe–Area Compensation




Similar Part No. - NTE969

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
NTE9601 NTE-NTE9601 Datasheet
53Kb / 4P
Integrated Circuit TTL - Retriggerable Monostable Multivibrator
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
NTE962 NTE-NTE962 Datasheet
24Kb / 2P
Integrated Circuit 3.Terminal Positive Voltage Regulator, 6V
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
More results


Similar Description - NTE969

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1905 NTE-NTE1905 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 100mA
NTE1919 NTE-NTE1919 Datasheet
24Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -15V, 1.5A
NTE1938 NTE-NTE1938 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 15V, 2A
NTE1955 NTE-NTE1955 Datasheet
20Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 15V, 1A
NTE959 NTE-NTE959 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -18V, 1A
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
NTE963 NTE-NTE963 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -6V, 1A
NTE965 NTE-NTE965 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -8V, 1A
NTE967 NTE-NTE967 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -12V, 1A
NTE971 NTE-NTE971 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, -24V, 1A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com