Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RB520S-30 Datasheet (PDF) - Diotec Semiconductor

RB520S-30 Datasheet PDF - Diotec Semiconductor
Part # RB520S-30
Download  RB520S-30 Download
File Size   146.35 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Schottky Diodes

RB520S-30 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB520S-30 Datasheet PDF - Diotec Semiconductor

Part # RB520S-30
Download  RB520S-30 Click to download

File Size   146.35 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description SMD Small Signal Schottky Diodes

RB520S-30 Datasheet (HTML) - Diotec Semiconductor


RB520S-30 Product details

Features
   Very high switching speed Low junction capacitance Low leakage current Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   Signal processing, High-speed Switching, Polarity protection Commercial grade
   Suffix -Q: AEC-Q101 compliant 1)
   Suffix -AQ: in AEC-Q101 qualification 1)

Mechanical Data 1)
   Taped and reeled 4000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                      MSL = 1




Similar Part No. - RB520S-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB520S-30 ROHM-RB520S-30 Datasheet
676Kb / 4P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
Schottky barrier Diodes
logo
Galaxy Semi-Conductor H...
RB520S-30 BILIN-RB520S-30 Datasheet
314Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
RB520S-30 KEXIN-RB520S-30 Datasheet
30Kb / 1P
Schottky barrier diode
logo
SEMTECH ELECTRONICS LTD...
RB520S-30 SEMTECH_ELEC-RB520S-30 Datasheet
240Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
More results


Similar Description - RB520S-30

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBH0230-G COMCHIP-CDBH0230-G Datasheet
105Kb / 4P
SMD Small Signal Schottky Diodes
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54_16 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
BAS40 DIOTEC-BAS40_17 Datasheet
191Kb / 2P
SMD Small Signal Schottky Diodes
BAS70 DIOTEC-BAS70_17 Datasheet
195Kb / 2P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_18 Datasheet
188Kb / 2P
SMD Small Signal Schottky Diodes
SD103AW DIOTEC-SD103AW_18 Datasheet
132Kb / 2P
SMD Small Signal Schottky Diodes
1SS369 DIOTEC-1SS369 Datasheet
119Kb / 1P
SMD Small Signal Schottky Diodes
BAT54W DIOTEC-BAT54W_1 Datasheet
177Kb / 2P
SMD Small Signal Schottky Diodes
BAS40 DIOTEC-BAS40_18 Datasheet
192Kb / 2P
SMD Small Signal Schottky Diodes
BAS70E DIOTEC-BAS70E Datasheet
179Kb / 2P
SMD Small Signal Schottky Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com