Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC23S4721E Datasheet (PDF) - OKI electronic componets

MSC23S4721E Datasheet PDF - OKI electronic componets
Part # MSC23S4721E
Download  MSC23S4721E Download
File Size   76.26 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):

MSC23S4721E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23S4721E Datasheet PDF - OKI electronic componets

Part # MSC23S4721E
Download  MSC23S4721E Click to download

File Size   76.26 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):

MSC23S4721E Datasheet (HTML) - OKI electronic componets


MSC23S4721E Product details

DESCRIPTION
The Oki MSC23S4721E-8BS18 is a fully decoded, 4,194,304 x 72bit synchronous dynamic random access memory composed of eighteen 16Mb DRAMs (2Mx8) in TSOP packages mounted with decoupling capacitors on a 168-pin glass epoxy Dual-in-Line Package supports any application where high density and large capacity of storage memory are required, like for example PCs or servers.

FEATURES
• 4-Meg Word x 72-Bit (2Bank 8 Byte) organization
• 168-pin Dual Inline Memory Module
• All DQ Pins have 10Ω Damping Resister
• Single 3.3V power supply, ±0.3V tolerance
• Input :LVTTL compatible
• Output :LVTTL compatible
• Refresh : 4,096 cycles/64 ms
• Programmable data transfer mode
    • /CAS latency (2, 3)
    • Burst length (1, 2, 4, 8, Full)
    • Data scramble(sequential, interleave)
• CBR auto-refresh, Self-refresh capability
• Serial Presence Detect (SPD) With EEPROM




Similar Part No. - MSC23S4721E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
MSC23S4641E-8BS16 OKI-MSC23S4641E-8BS16 Datasheet
85Kb / 11P
4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
More results


Similar Description - MSC23S4721E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23S4641E OKI-MSC23S4641E Datasheet
85Kb / 11P
4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
logo
Toshiba Semiconductor
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
4,194,304 WORD x BIT DYNAMIC RAM
logo
OKI electronic componet...
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT464 OKI-MK31VT464 Datasheet
98Kb / 11P
4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK32VT832 OKI-MK32VT832 Datasheet
99Kb / 11P
8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT864 OKI-MK32VT864 Datasheet
100Kb / 11P
8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1632 OKI-MK32VT1632 Datasheet
97Kb / 11P
16,777,216 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1664A OKI-MK32VT1664A Datasheet
106Kb / 11P
16,777,216 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MK32VT1672A OKI-MK32VT1672A Datasheet
106Kb / 11P
16,777,216 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com