Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UP1586 Datasheet (PDF) - uPI Group Inc.

UP1586 Datasheet PDF - uPI Group Inc.
Part # UP1586
Download  UP1586 Download
File Size   327.63 Kbytes
Page   17 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power

UP1586 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1586 Datasheet PDF - uPI Group Inc.

Part # UP1586
Download  UP1586 Click to download

File Size   327.63 Kbytes
Page   17 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power

UP1586 Datasheet (HTML) - uPI Group Inc.


UP1586 Product details

General Description
The uP1586 is a dual synchronous buck controller with
5V/3.3V 100mA LDOs for notebook system power supply
solution.
The uP1586 supports high efficiency, fast transient
response and provides a combined POK signal. The
ultrasonic mode maintains the switching frequency above
audio frequency, which eliminates noise in audio
applications. The proprietary RCOTTM technology provides
fast transient response and high noise immunity.
The uP1586 has internal soft-start to control the inrush
current. Other features include overcurrent protection,
overvoltage protection, power-up sequencing, power OK
output, and thermal shutdown. The uP1586 is available
in the space saving package VQFN4x4-24L, specified from
-40OC to 85OC.

Features
† Wide Input Voltage Range: 6V to 26V
† Two Synchronous Buck Controllers
„ Dual Fixed 5V/3.3V Outputs or Adjustable from
2V to 5.5V
„ Selectable PWM, DEM and USM in Light Load
„ Internal Soft-start and Soft-Discharge
„ RCOTTM (Robust Constant On-Time) Control
Architecture
„ 4500ppm/OC RDS(ON) Current Sensing
† 100mA 5V/3.3V LDO with Switches
† Secondary FB Input Maintains Charge Pump
Voltage (uP1586R)
† 2V + 1% Reference Voltage Output
† Power OK Indicator
† OVP/UVP/OCP/OTP
† VQFN4x4-24L
† RoHS Compliant and Halogen Free

Applications
† Notebook and Subnotebook System Power
Supplies
† 3-4 Cell Li-Ion Battery-Power Devices
† Dual Output Supplies for DSP, Memory, Logic
and Microprocessor




Similar Part No. - UP1586

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1514R UPI-UP1514R Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1514RSA8 UPI-UP1514RSA8 Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1514RSA8 UPI-UP1514RSA8 Datasheet
201Kb / 14P
5V/12V Synchronous-Rectified Buck Controller
UP1514RSU8 UPI-UP1514RSU8 Datasheet
218Kb / 16P
5V/12V Synchronous-Rectified Buck Controller
UP1514RSU8 UPI-UP1514RSU8 Datasheet
201Kb / 14P
5V/12V Synchronous-Rectified Buck Controller
More results


Similar Description - UP1586

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Richtek Technology Corp...
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
logo
uPI Group Inc.
UP1590 UPI-UP1590 Datasheet
316Kb / 18P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
logo
Richtek Technology Corp...
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
logo
uPI Group Inc.
UP6182 UPI-UP6182 Datasheet
987Kb / 16P
Dual Synchronous Buck Controller with 5V/3.3V 100mA LDOs for Notebook System Power
logo
Richtek Technology Corp...
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com