Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSM16ND50CI Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM16ND50CI Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM16ND50CI
Download  TSM16ND50CI Download
File Size   263.52 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description N-Channel Power MOSFET 500V, 16A, 0.35廓

TSM16ND50CI Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM16ND50CI Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM16ND50CI
Download  TSM16ND50CI Click to download

File Size   263.52 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description N-Channel Power MOSFET 500V, 16A, 0.35廓

TSM16ND50CI Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - TSM16ND50CI

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
logo
Taiwan Semiconductor Co...
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM160N10CZC0 TSC-TSM160N10CZC0 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
Low gate charge for fast power switching
TSM160P02 TSC-TSM160P02 Datasheet
332Kb / 6P
P-Channel Power MOSFET
More results


Similar Description - TSM16ND50CI

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Alpha & Omega Semicondu...
AOT16N50 AOSMD-AOT16N50 Datasheet
166Kb / 6P
500V, 16A N-Channel MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDQ16N50G MGCHIP-MDQ16N50G Datasheet
871Kb / 6P
N-Channel MOSFET 500V, 16.5A, 0.35(ohm)
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
N-Channel Power MOSFET 500V, 5A, 1.5廓
TSM9ND50CI TSC-TSM9ND50CI Datasheet
327Kb / 6P
N-Channel Power MOSFET 500V, 9A, 0.9廓
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
FTK5N50P FS-FTK5N50P Datasheet
373Kb / 7P
4.4A, 500V, 1.5廓 N-CHANNEL POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com