Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SK3740 Datasheet (PDF) - NEC

2SK3740 Datasheet PDF - NEC
Part # 2SK3740
Download  2SK3740 Download
File Size   169.74 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOSFET

2SK3740 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3740 Datasheet PDF - NEC

Part # 2SK3740
Download  2SK3740 Click to download

File Size   169.74 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N-CHANNEL POWER MOSFET

2SK3740 Datasheet (HTML) - NEC


2SK3740 Product details

DESCRIPTION
The 2SK3740 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics, designed for high voltage applications such as lamp drive, DC/DC converter, and actuator driver.

FEATURES
• Gate voltage rating: ±30 V
• Low on-state resistance
    RDS(on)= 160 mΩMAX. (VGS= 10 V, ID= 10 A)
• Low gate charge
    QG= 47 nC TYP. (VDD= 200 V, VGS= 10 V, ID= 20 A)
• Surface mount package available




Similar Part No. - 2SK3740

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3740 KEXIN-2SK3740 Datasheet
43Kb / 1P
MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3740 ISC-2SK3740 Datasheet
400Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3740 RENESAS-2SK3740 Datasheet
300Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2003
2SK3740-ZK RENESAS-2SK3740-ZK Datasheet
300Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2003
More results


Similar Description - 2SK3740

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113 NEC-2SK3113 Datasheet
145Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3322 NEC-2SK3322 Datasheet
91Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3455 NEC-2SK3455 Datasheet
64Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3457 NEC-2SK3457 Datasheet
77Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3483 NEC-2SK3483 Datasheet
164Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
SWITCHING N-CHANNEL POWER MOSFET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com